Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTSC5344 Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTSC5344
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTSC5344 Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTSC5344 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC5344 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC5344 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC5344 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBTSC5344
NPN Transistor
3 / 4
Electrical Characteristics Curves
www.pingjingsemi.com
Revision:1.0 Mar-2019
1
0
100
200
300
400
1
0
100
200
300
400
0.1
10
1
10
100
1000
0.2
0.4
1.0
1.2
1
10
100
1
0
300
600
900
1200
0.0
2.5
0
40
80
120
160
800
h
FE
——
COMMON EMITTER
V
CE
=1V
300
3
T
a
=100℃
T
a
=25℃
10
30
100
COLLECTOR CURRENT
I
C
(mA)
I
C
10
100
COLLECTOR CURRENT
I
C
(mA)
β=10
T
a
=25℃
T
a
=100℃
I
C
V
CEsat
——
20
C
ob
C
ib
1
REVERSE VOLTAGE
V
(V)
f=1MHz
I
E
=0/I
C
=0
T
a
=25℃
V
CB
/ V
EB
C
ob
/ C
ib
——
800
800
V
BE
I
C
——
T
a
=25℃
T
a
=100℃
COMMON EMITTER
V
CE
=1V
0.6
0.8
BASE-EMMITER VOLTAGE V
BE
(V)
800
β=10
10
100
COLLECTOR CURRENT
I
C
(mA)
T
a
=25℃
T
a
=100℃
I
C
V
BEsat
——
500uA
450uA
400uA
350uA
300uA
250uA
200uA
150uA
Static Characteristic
0.5
1.0
1.5
2.0
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
100uA
I
B
=50uA
COMMON
EMITTER
T
a
=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com