Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP05DA Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP05DA
Description  5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP05DA Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP05DA Datasheet HTML 1Page - Toppower Electronic Technology Limited TP05DA Datasheet HTML 2Page - Toppower Electronic Technology Limited TP05DA Datasheet HTML 3Page - Toppower Electronic Technology Limited TP05DA Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP05DA Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 1 of 4
DESCRIPTION:
The rated output power of TP05DA converters is 5W,the outline dimensions is "31.75*20.32*11.2", 2:1 and 4:1
wide input voltage range, the voltage range is 9V-18V,18V-36V,36V-72V,9V-36V and 18V-72VDC.The accuracy
of the converter can reach ±1%,it can be widely used in telecommunications, railway transportation, instrument
and etc.
5W 1.5KVDC、3KVDC Isolated Wide Input Voltage DC/DC Converters
FEATURES
5W output power
2:1 and 4:1 wide input voltage range
Over load protection
31.75mm*20.32mm*11.2mm standard package
Fixed switching frequency
Operating temperature: -40℃to 85℃
Metal shell package or plastic shell packaging
RoHS compliant
1.5KVDC、3KVDC isolation
SELECTION GUIDE
Part Number
Input Vlotage
Output
Efficiency(Typ)
%
Maxium capacitive load
(
u F)
voltage(VDC)
Voltage(VDC)
Current(A)
Rated
Range values
TP05DA05S05
5(2:1)
4.5-9
5
1
≥74
1500
TP05DA12S03
12(2:1)
9-18
3.3
1
≥73
2200
TP05DA12S05
12(2:1)
9-18
5
1
≥74
1500
TP05DA12S09
12(2:1)
9-18
9
0.55
≥74
660
TP05DA12S12
12(2:1)
9-18
12
0.42
≥75
660
TP05DA12S15
12(2:1)
9-18
15
0.33
≥75
470
TP05DA12D05
12(2:1)
9-18
±5
±0.5
≥76
±850
TP05DA12D12
12(2:1)
9-18
±12
±0.21
≥78
±140
TP05DA12D15
12(2:1)
9-18
±15
±0.17
≥79
±47
TP05DA24S03
24(2:1)
18-36
3.3
1
≥74
2200
TP05DA24S05
24(2:1)
18-36
5
1
≥76
1500
TP05DA24S12
24(2:1)
18-36
12
0.42
≥76
660
TP05DA24S15
24(2:1)
18-36
15
0.33
≥76
470
TP05DA24S24
24(2:1)
18-36
24
0.21
≥76
470
TP05DA24D05
24(2:1)
18-36
±5
±0.5
≥78
±850
TP05DA24D12
24(2:1)
18-36
±12
±0.21
≥79
±140
TP05DA24D15
24(2:1)
18-36
±15
±0.17
≥79
±47
TP05DA48S03
48(2:1)
36-72
3.3
1
≥74
2200
TP05DA48S05
48(2:1)
36-72
5
1
≥76
1500
TP05DA48S12
48(2:1)
36-72
12
0.42
≥78
660
TP05DA48S15
48(2:1)
36-72
15
0.33
≥78
470
TP05DA48D05
48(2:1)
36-72
±5
±0.5
≥79
±850
TP05DA48D12
48(2:1)
36-72
±12
±0.21
≥79
±140
TP05DA48D15
48(2:1)
36-72
±15
±0.17
≥80
±47
TP05DA24S05W
24(4:1)
9-36
5
1
≥75
1500
TP05DA24S12W
24(4:1)
9-36
12
0.42
≥75
660
TP05DA24S15W
24(4:1)
9-36
15
0.33
≥75
470
TP05DA24D05W
24(4:1)
9-36
±5
±0.5
≥77
±850
TP05DA24D12W
24(4:1)
9-36
±12
±0.21
≥78
±140
TP05DA24D15W
24(4:1)
9-36
±15
±0.17
≥78
±47
TP05DA48S05W
48(4:1)
18-72
5
1
≥75
1500
TP05DA48S12W
48(4:1)
18-72
12
0.42
≥77
660
TP05DA48S15W
48(4:1)
18-72
15
0.33
≥77
470
TP05DA48D05W
48(4:1)
18-72
±5
±0.5
≥78
±850
TP05DA48D12W
48(4:1)
18-72
±12
±0.21
≥78
±140
TP05DA48D15W
48(4:1)
18-72
±15
±0.17
≥79
±47
3KVDC isolation with /3H at the end of the part number. for example TP05DA24S05W/3H;3KVDC isolated parts only can make with plastic shell packaging.
TOPPOWER


Similar Part No. - TP05DA

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP05DA TOPPOWER-TP05DA Datasheet
201Kb / 4P
5W Wide Input Voltage DC/DC Converter
TP05DA TOPPOWER-TP05DA Datasheet
742Kb / 4P
5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DA-2KVDC TOPPOWER-TP05DA-2KVDC Datasheet
201Kb / 4P
5W Wide Input Voltage DC/DC Converters
TP05DA-3KVDC TOPPOWER-TP05DA-3KVDC Datasheet
202Kb / 4P
5W Wide Input Voltage DC/DC Converters
TP05DA05S05 TOPPOWER-TP05DA05S05 Datasheet
742Kb / 4P
5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP05DA

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DA TOPPOWER-TP05DA_19 Datasheet
742Kb / 4P
5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA_19 Datasheet
746Kb / 4P
6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP03DA TOPPOWER-TP03DA_V01 Datasheet
736Kb / 4P
3W 1.5KVDC??KVDC Isolated Wide Range Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA_V01 Datasheet
237Kb / 4P
6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA_V02 Datasheet
233Kb / 4P
6W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DB TOPPOWER-TP05DB_V01 Datasheet
725Kb / 4P
5W 1.5KVDC Isolated Wide Voltage Input DC/DC Converters
TP50DG TOPPOWER-TP50DG Datasheet
388Kb / 2P
50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com