Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1007358 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1007358
Description  Marker cards - SBS 6: 501-1000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1007358 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1007358 Datasheet HTML 1Page - PHOENIX CONTACT 1007358 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1007358
11/26/13   Page 1 / 2
Marker cards - SBS 6: 501-1000 - 1007358
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Marker cards, Card, white, labeled, Printed horizontally: Consecutive numbers: Front 501 - 750, back 751 - 1000,
Mounting type: Snap into tall marker groove, Snap into flat marker groove, For terminal block width: 6.2 mm,
Lettering field: 6 x 6.1 mm
Key commercial data
Packing unit
1 PCE
GTIN
Weight per Piece (excluding packing)
5.37 GRM
Custom tariff number
39207380
Country of origin
Germany
Technical data
Dimensions
Width (a)
6.1 mm
Ambient conditions
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Ambient temperature (operation)
-30 °C ... 110 °C
General
Color
white
Material
cellulose acetate
Printing direction
Printed horizontally
Printing
Consecutive numbers: Front 501 - 750, back 751 - 1000
Number of individual labels
250
Number of individual labels per row
10


Similar Part No. - 1007358

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1007352 PHOENIX-1007352 Datasheet
326Kb / 6P
Special function module - AXL F PWM2 1H
logo
FCI connector
10073599-006LF FCI-CONNECTOR-10073599-006LF Datasheet
105Kb / 1P
MINITEK CTW ACTIVE LATCH HOUSING
10073599-Y06LF FCI-CONNECTOR-10073599-Y06LF Datasheet
105Kb / 1P
MINITEK CTW ACTIVE LATCH HOUSING
10073599-Y08LF FCI-CONNECTOR-10073599-Y08LF Datasheet
105Kb / 1P
MINITEK CTW ACTIVE LATCH HOUSING
10073599-Y10LF FCI-CONNECTOR-10073599-Y10LF Datasheet
105Kb / 1P
MINITEK CTW ACTIVE LATCH HOUSING
More results

Similar Description - 1007358

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803906 PHOENIX-0803906 Datasheet
50Kb / 2P
Marker cards - SK U/3,8 WH:UNBEDRUCKT
0828488 PHOENIX-0828488 Datasheet
52Kb / 3P
Marker cards - SBS 5 CUS
0828489 PHOENIX-0828489 Datasheet
57Kb / 3P
Marker cards - SBS 6 CUS
0828490 PHOENIX-0828490 Datasheet
56Kb / 2P
Marker cards - SBS 8 CUS
0828491 PHOENIX-0828491 Datasheet
50Kb / 3P
Marker cards - SBS10 CUS
1007219 PHOENIX-1007219 Datasheet
48Kb / 2P
Marker cards - SBS 5:UNBEDRUCKT
1007222 PHOENIX-1007222 Datasheet
52Kb / 2P
Marker cards - SBS 6:UNBEDRUCKT
1007248 PHOENIX-1007248 Datasheet
46Kb / 2P
Marker cards - SBS10:UNBEDRUCKT
1007329 PHOENIX-1007329 Datasheet
53Kb / 2P
Marker cards - SBS 6: 1- 500
1008166 PHOENIX-1008166 Datasheet
52Kb / 2P
Marker cards - SBS 6:L1-N,PE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com