Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1AB-252-3S Datasheet(PDF) 5 Page - SHINMEI ELECTRIC CO., LTD.

Part # SW1AB-252-3S
Description  Lever-type Detector Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Direct Link  http://www.shinmei-e.co.jp/e/index.html
Logo SHINMEI - SHINMEI ELECTRIC CO., LTD.

SW1AB-252-3S Datasheet(HTML) 5 Page - SHINMEI ELECTRIC CO., LTD.

  SW1AB-252-3S Datasheet HTML 1Page - SHINMEI ELECTRIC CO., LTD. SW1AB-252-3S Datasheet HTML 2Page - SHINMEI ELECTRIC CO., LTD. SW1AB-252-3S Datasheet HTML 3Page - SHINMEI ELECTRIC CO., LTD. SW1AB-252-3S Datasheet HTML 4Page - SHINMEI ELECTRIC CO., LTD. SW1AB-252-3S Datasheet HTML 5Page - SHINMEI ELECTRIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SW[ ]AB-252 / -253 / -254 / -258 Series
5/5
SHINMEI ELECTRIC CO., LTD.
Dimensions
Unit : mm
No
Style
P.C.B reference mounting hole
Dimensions , Circuit diagram
(TOP VIEW)
SW1AB-258-9
10
Variation of body
[]
Notes
1.
The appearance and specifications of the product may be modified to improve its performance without prior notice.
2.
This catalog shows only outline specifications. When using the product, please obtain formal specifications.
3.
Please see appendix [Cautions in Using Switches ].
4.
This switch is not washable.
5.
Soldering shall be done with actuator at free position and take care not to attach flux on plastic portion.
6.
Note that if the stress is applied to the terminals during soldering, they might cause deformation and defects in
electrical performance.
7.
In manual soldering, consideration should be given to apply the soldering iron to the tip of the terminal so that
unusual pressure is not applied to the terminal.
8.
In case circuit and software design consideration against chattering and bouncing shall be taken as below.
Read a few times. (Ex. 5ms for 5 times)
Set delay time.
Set integral circuit.
9.
As to threshold voltage, center setting is recommended.
10. Care shall be taken not to apply stress to the body of switch as it may affect the performance.
11. Please confirm the performance on actual operation by simulation with actual environment environments for high
reliability.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com