Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1AB-252-9S Datasheet(PDF) 1 Page - SHINMEI ELECTRIC CO., LTD.

Part # SW1AB-252-9S
Description  Lever-type Detector Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Direct Link  http://www.shinmei-e.co.jp/e/index.html
Logo SHINMEI - SHINMEI ELECTRIC CO., LTD.

SW1AB-252-9S Datasheet(HTML) 1 Page - SHINMEI ELECTRIC CO., LTD.

  SW1AB-252-9S Datasheet HTML 1Page - SHINMEI ELECTRIC CO., LTD. SW1AB-252-9S Datasheet HTML 2Page - SHINMEI ELECTRIC CO., LTD. SW1AB-252-9S Datasheet HTML 3Page - SHINMEI ELECTRIC CO., LTD. SW1AB-252-9S Datasheet HTML 4Page - SHINMEI ELECTRIC CO., LTD. SW1AB-252-9S Datasheet HTML 5Page - SHINMEI ELECTRIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ht tp : / / w w w.s h i nm e i -e .c o . jp
Lever-type Detector Switches
SW[ ]AB-252 / -253 / -254 / -258 Series
1/5
SHINMEI ELECTRIC CO., LTD.
[]
Features
<>Miniaturized for space saving design.
<>Superior reliability at micro-current by employing a sliding contact.
<>This is a compact detector switch which can be pressed either horizontally or vertically.
<>A wide variety of operation components is possible based on the application.
[]
Applications
<>Mechatronic detection for audio and VCR CD-ROM DVD units.
[]
Products Number System
SW [ ] AB - [ ][ ][ ] - [ ][ ]
Difference version , etc.
Actual size
Series
Contact arrangement
Pole
Detector switch
[]
Products Line
No
Products No
Pole
Position
Operating
force
Notes
1
SW1AB-252S
1
1
0.4N max.
2 operating direction is possible.
2
SW1AB-252-3S
1
1
0.3N max.
3
SW1AB-252-4S
1
1
0.35N max.
4
SW1AB-252-8S
1
1
0.35N max.
3 operating direction is possible.
5
SW1AB-252-9S
1
1
0.4N max.
2 operating direction is possible.
6
SW1AB-252-12S
1
1
0.4N max.
2 operating direction is possible.
7
SW1AB-252-13S
1
1
0.25N max.
2 operating direction is possible.
8
SW1AB-253-9
1
1
0.4N max.
2 operating direction is possible.
9
SW2AB-254-9A
2
1
0.4N max.
2 operating direction is possible.
10
SW1AB-258-9
1
1
0.4N max.
2 operating direction is possible.
Notes : The above 1 to 7 are the lever-variation. (Same body)
The above 8 to 10 are the body-variation. (Same lever)
[]
Typical Specifications
Item
Specification
Ratings (max.)
0.5 to 10mA 5V DC (Resistive load)
Contact resistance
1 ohm max.
Insulation resistance
100 megohm min. 100V DC
Withstanding voltage
100V AC for 1min.
Operating life with load
100,000 cycles


Similar Part No. - SW1AB-252-9S

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
SW1AB-214A SHINMEI-SW1AB-214A Datasheet
131Kb / 3P
Push-type Detector Switches
SW1AB-217 SHINMEI-SW1AB-217 Datasheet
131Kb / 3P
Push-type Detector Switches
SW1AB-218 SHINMEI-SW1AB-218 Datasheet
131Kb / 3P
Push-type Detector Switches
SW1AB-260-10T28 SHINMEI-SW1AB-260-10T28 Datasheet
113Kb / 3P
Lever-type Detector Switches
SW1AB-264-1T25 SHINMEI-SW1AB-264-1T25 Datasheet
113Kb / 3P
Lever-type Detector Switches
More results

Similar Description - SW1AB-252-9S

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
SSS-100-T42 SHINMEI-SSS-100-T42 Datasheet
38Kb / 2P
Lever-type Detector Switches
SW1AB-260-10T28 SHINMEI-SW1AB-260-10T28 Datasheet
113Kb / 3P
Lever-type Detector Switches
SW1AB-350 SHINMEI-SW1AB-350 Datasheet
125Kb / 3P
Lever-type Detector Switches
SW1AB-411-T28 SHINMEI-SW1AB-411-T28 Datasheet
60Kb / 3P
Lever-type Detector Switches
SW1AB-420-33T35 SHINMEI-SW1AB-420-33T35 Datasheet
81Kb / 2P
Lever-type Detector Switches
SW1AB-471-T60 SHINMEI-SW1AB-471-T60 Datasheet
38Kb / 2P
Lever-type Detector Switches
SW1AB-482-T50 SHINMEI-SW1AB-482-T50 Datasheet
551Kb / 2P
Lever-type Detector Switches
SW1AB-490-300T30 SHINMEI-SW1AB-490-300T30 Datasheet
113Kb / 2P
Lever-type Detector Switches
SW1AB-500-T11 SHINMEI-SW1AB-500-T11 Datasheet
48Kb / 2P
Lever-type Detector Switches
SW1AG-530 SHINMEI-SW1AG-530 Datasheet
121Kb / 3P
Lever-type Detector Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com