Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C161 Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 33Page - Infineon Technologies AG C161 Datasheet HTML 34Page - Infineon Technologies AG C161 Datasheet HTML 35Page - Infineon Technologies AG C161 Datasheet HTML 36Page - Infineon Technologies AG C161 Datasheet HTML 37Page - Infineon Technologies AG C161 Datasheet HTML 38Page - Infineon Technologies AG C161 Datasheet HTML 39Page - Infineon Technologies AG C161 Datasheet HTML 40Page - Infineon Technologies AG C161 Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 400 page
background image
&3,
0HPRU\ 2UJDQL]DWLRQ
User’s Manual
3-1
1999-08
3
Memory Organization
The memory space of the C161PI is configured in a “Von Neumann” architecture. This
means that code and data are accessed within the same linear address space. All of the
physically separated memory areas, including internal ROM/Flash/OTP (where
integrated), internal RAM, the internal Special Function Register Areas (SFRs and
ESFRs), the address areas for integrated XBUS peripherals and external memory are
mapped into one common address space.
The C161PI provides a total addressable memory space of 16 MBytes. This address
space is arranged as 256 segments of 64 KBytes each, and each segment is again
subdivided into four data pages of 16 KBytes each (see figure below).
Figure 3-1
Address Space Overview
254...129
255
00’0000
H
0
127
128
64
4
3
2
1
FF’FFFF
H
80’0000
H
Total Address Space
01’FFFF
H
16 MByte, Segments 255...0
00’0000
H
01’FFFF
H
Segments 1 and 0
01’0000
H
Internal
ROM
Area
64 + 64 KByte
01’8000
H
126...65
63
5
9
8
7
6
11
10
62...12
40’0000
H
0A’FFFF
H
08’0000
H
255...2
Data Page 3
Alternate
ROM
Area
Data Page 2
04’FFFF
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com