Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-74 Datasheet(PDF) 1 Page - SHINMEI ELECTRIC CO., LTD.

Part # SW-74
Description  Push Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Direct Link  http://www.shinmei-e.co.jp/e/index.html
Logo SHINMEI - SHINMEI ELECTRIC CO., LTD.

SW-74 Datasheet(HTML) 1 Page - SHINMEI ELECTRIC CO., LTD.

  SW-74 Datasheet HTML 1Page - SHINMEI ELECTRIC CO., LTD. SW-74 Datasheet HTML 2Page - SHINMEI ELECTRIC CO., LTD. SW-74 Datasheet HTML 3Page - SHINMEI ELECTRIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
h t t p ://ww w. s hin m e i -e . c o . j p
Push Switch
SW-74 Series
1/3
SHINMEI ELECTRIC CO., LTD.
[] Features
<>Light operating force.
<> Superior reliability at micro-current by employing a sliding contact.
[] Applications
<> Detection of insertion of various media
<> Mechatronic detection for audio and VCR FDD DVD units.
[] Products Line
No
Products No
Poles
Positions
Operating force
1SW-74
31
0.25N
2
SW-74-2
21
0.25N
3
SW-74-3
11
0.25N
4
SW2AD-74-20
21
0.25N
[] Typical Specifications
Items
Specifications
Rating
1mA 5V DC (Resistive load)
Contact resistance
1 ohm max
Insulation resistance
50 megohm
Withstanding voltage
100V AC for 1min
Operating life
20,000 cycles


Similar Part No. - SW-74

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
SW-705 BLACKBOX-SW-705 Datasheet
1,008Kb / 4P
Hardened 5 Port Ethernet Switch 10/100
logo
Brainboxes Limited
SW-705 BRAINBOXE-SW-705 Datasheet
1Mb / 4P
Hardened 5 Port Ethernet Switch 10/100
180621
logo
Black Box Registered Tr...
SW-708 BLACKBOX-SW-708 Datasheet
951Kb / 4P
Hardened 8 Port Ethernet Switch 10/100
logo
Brainboxes Limited
SW-715 BRAINBOXE-SW-715 Datasheet
1Mb / 4P
4 Port Unmanaged Ethernet Switch DIN Mountable
logo
Black Box Registered Tr...
SW-725 BLACKBOX-SW-725 Datasheet
1Mb / 4P
Hardened Industrial 5 Port PoE Ethernet Switch
More results

Similar Description - SW-74

ManufacturerPart #DatasheetDescription
logo
CW Industries
GPB024A05BB CWIND-GPB024A05BB Datasheet
630Kb / 1P
PUSH BUTTON SWITCH
GPB081A09R CWIND-GPB081A09R Datasheet
455Kb / 1P
PUSH BUTTON SWITCH
GPB507A05BB CWIND-GPB507A05BB Datasheet
507Kb / 1P
PUSH BUTTON SWITCH
GPB510A05BB CWIND-GPB510A05BB Datasheet
636Kb / 1P
PUSH BUTTON SWITCH
GPB554B05BB CWIND-GPB554B05BB Datasheet
674Kb / 1P
PUSH BUTTON SWITCH
GPTS203212BR2 CWIND-GPTS203212BR2 Datasheet
41Kb / 1P
PUSH BUTTON SWITCH
GPTS203312BR2 CWIND-GPTS203312BR2 Datasheet
44Kb / 1P
PUSH BUTTON SWITCH
logo
Bourns Electronic Solut...
1543 BOURNS-1543 Datasheet
195Kb / 1P
Push Switch
logo
Adam Technologies, Inc.
SW-P-1P-RA-S-5A-80A-25 ADAM-TECH-SW-P-1P-RA-S-5A-80A-25 Datasheet
83Kb / 1P
PUSH SWITCH
logo
CW Industries
GPTS203312B CWIND-GPTS203312B Datasheet
44Kb / 1P
PUSH BUTTON SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com