Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1051058-R Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1051058-R
Description  Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1051058-R Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1051058-R Datasheet HTML 1Page - PHOENIX CONTACT 1051058-R Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1051058:R
10/20/2014   Page 1 / 2
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN
R - 1051058:R
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Zack marker strip, horizontally labeled with the capital letter: R, white, Width: 6 mm
The figure shows the article ZB
6:UNBEDRUCKT
Key commercial data
Packing unit
1 pc
Minimum order quantity
10 pc
Weight per Piece (excluding packing)
1.47 GRM
Custom tariff number
39269097
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
24190208
eCl@ss 4.1
24190208
eCl@ss 5.0
27149103
eCl@ss 5.1
27141137
eCl@ss 6.0
27141137
eCl@ss 7.0
27141137
eCl@ss 8.0
27141137
ETIM
ETIM 2.0
EC000761
ETIM 3.0
EC000761
ETIM 4.0
EC000761
ETIM 5.0
EC000761


Similar Part No. - 1051058-R

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1051058-A PHOENIX-1051058-A Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN A
1051058-B PHOENIX-1051058-B Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN B
1051058-C PHOENIX-1051058-C Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN C
1051058-D PHOENIX-1051058-D Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN D
1051058-E PHOENIX-1051058-E Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN E
More results

Similar Description - 1051058-R

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1051058-C PHOENIX-1051058-C Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN C
1051058-F PHOENIX-1051058-F Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN F
1051058-G PHOENIX-1051058-G Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN G
1051058-K PHOENIX-1051058-K Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN K
1051058-Q PHOENIX-1051058-Q Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN Q
1051058-U PHOENIX-1051058-U Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN U
1051058-W PHOENIX-1051058-W Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN W
1051058-X PHOENIX-1051058-X Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN X
1051058-Y PHOENIX-1051058-Y Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN Y
1051058-Z PHOENIX-1051058-Z Datasheet
43Kb / 2P
Marker for terminal blocks - ZB 6,LGS:GROSSBUCHSTABEN Z
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com