Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N044-000-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N044-000-R
Description  Network Cable Continuity Tester for Cat5/Cat6, Phone and Coax Cable Assemblies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N044-000-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N044-000-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N044-000-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Network Cable Continuity Tester for Cat5/Cat6,
Phone and Coax Cable Assemblies
MODEL NUMBER: N044-000-R
Description
Tripp Lite's Multi-Functional Network Cable Tester allows you to test wiring continuity for Cat5, Cat6,
Phone and Coax cable assemblies. Identifies mis-wires, short circuits and open circuits. Features two
piece transmitter and receiver, two BNC-F coax converters and coax terminator. Includes handy storage
pouch when not in use. Power supplied by 9V Battery (not included).
Features
Two piece test unit with RJ45, RJ12 (6P6C) jacks and coax jack.
q
Identifies mis-wires, short circuits, and open circuits
q
Coax adapters and terminator for testing BNC and F type coax cables
q
Vinyl storage pouch
q
Highlights
Tests Cat5e or Cat6 cable
connections
q
Tests coax cable connections
q
Tests phone cable connections
q
Package Includes
2 piece Test unit
q
2 - BNC/F Coax Adapters
q
1 - Coax terminator
q
Carrying pouch
q
OVERVIEW
UPC Code
037332138743
PHYSICAL
Color
Beige; Black
Shipping Dimensions (hwd / cm)
5.59 x 17.02 x 14.48
Shipping Dimensions (hwd / in.)
2.20 x 6.70 x 5.70
Shipping Weight (kg)
0.25
Shipping Weight (lbs.)
0.56
1 / 2


Similar Part No. - N044-000-R

ManufacturerPart #DatasheetDescription
logo
Heyco.
N044 HEYCO-N044 Datasheet
147Kb / 1P
Polyurethane Adhesive-Back Bumpers
More results

Similar Description - N044-000-R

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CT100 EXTECH-CT100 Datasheet
131Kb / 1P
Network Cable Tester
ET34 EXTECH-ET34 Datasheet
120Kb / 1P
Voltage and Continuity Tester
CT20 EXTECH-CT20 Datasheet
182Kb / 1P
Continuity Tester Pro
CT100 EXTECH-CT100_15 Datasheet
943Kb / 1P
Network Cable Tester
logo
Molex Electronics Ltd.
0636000936 MOLEX11-0636000936 Datasheet
30Kb / 1P
Continuity and Hipot Tester
logo
List of Unclassifed Man...
C601106010 ETC2-C601106010 Datasheet
110Kb / 3P
Cable Assemblies - CAT6 Modular Cord
logo
Tripp Lite. All Rights ...
T014-001 TRIPPLITE-T014-001 Datasheet
506Kb / 2P
Network Cable Continuity Tester for Cat 5/Cat6/Cat6a, Phone, USB and Coax Cable Assemblies
N046-000 TRIPPLITE-N046-000 Datasheet
153Kb / 2P
110/66 Punch Down Installation Tool for Cat6a/Cat6/Cat5e/Cat5 Network Cable
T013-001-POE TRIPPLITE-T013-001-POE Datasheet
177Kb / 2P
Network Cable Continuity Tester with PoE Detection for Cat5e/Cat6/Cat6a and Phone Cable Assemblies
logo
Fluke Corporation
T150 FLUKE-T150 Datasheet
1Mb / 4P
Voltage Continuity Tester
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com