Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-8233C Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-8233C
Description  BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8233C Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-8233C Datasheet HTML 9Page - Seiko Instruments Inc S-8233C Datasheet HTML 10Page - Seiko Instruments Inc S-8233C Datasheet HTML 11Page - Seiko Instruments Inc S-8233C Datasheet HTML 12Page - Seiko Instruments Inc S-8233C Datasheet HTML 13Page - Seiko Instruments Inc S-8233C Datasheet HTML 14Page - Seiko Instruments Inc S-8233C Datasheet HTML 15Page - Seiko Instruments Inc S-8233C Datasheet HTML 16Page - Seiko Instruments Inc S-8233C Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
Rev.4.0_00
S-8233C Series
Seiko Instruments Inc.
13
Over discharge condition
If any one of the battery voltages falls below the over discharge detection voltage (VDD) during discharging
under normal condition and it continues for the over discharge detection delay time (tDD) or longer, the
discharging FET turns off and discharging stops. This condition is called the over discharge condition. In
this condition, output voltage of DSO goes ‘High’. When the discharging FET turns off, the VMP terminal
voltage becomes equal to the VSS voltage and the IC's current consumption falls below the power-down
current consumption (IPDN). This condition is called the power-down condition. The VMP and VSS
terminals are shorted by the RVSM resistor under the over discharge and power-down conditions.
The power-down condition is canceled when the charger is connected and the voltage between VMP and
VSS is 3.0 V or higher (over current detection voltage 3). When all the battery voltages becomes equal to
or higher than the over discharge release voltage (VDU) in this condition, the over discharge condition
changes to the normal condition. In this condition, output voltage of DSO goes ‘Low’.
Delay circuits
The over charge detection delay time (tCU1 to tCU3), over discharge detection delay time (tDD1 to tDD3), and
over current detection delay time 1 (tIOV1) are changed with external capacitors (C4 to C6).
The delay times are calculated by the following equations:
Min. Typ. Max.
tCU[s] =Delay factor ( 1.07, 2.13, 3.19)×C4 [uF]
tDD[s] =Delay factor ( 0.20, 0.40, 0.60)×C5 [uF]
tIOV1[s]=Delay factor ( 0.10, 0.20, 0.30)×C6 [uF]
Caution The delay time for over current detection 2 and 3 is fixed by an internal IC circuit. The
delay time cannot be changed via an external capacitor.
CTL terminal
If the CTL terminal is floated under normal condition, it is pulled up to the VCC potential in the IC, and both
the charging and discharging FETs turn off to inhibit charging and discharging. Both charging and
discharging are also inhibited by applying the VCC terminal to the CTL terminal externally. At this time,
the VMP and VCC terminals are shorted by the RVCM resistor.
When the CTL terminal becomes equal to VSS potential, charging and discharging are enabled and go
back to their appropriate conditions for the battery voltages.
Caution Please note unexpected behavior might occur when electrical potential difference
between the CTL pin ('L' level) and VSS is generated through the external filter
(RVSS and CVSS) as a result of input voltage fluctuations.
0 V battery charging function
This function is used to recharge the three serially-connected batteries after they self-discharge to 0 V.
When the 0 V charging start voltage (V0CHAR) or higher is applied to between VMP and VSS by connecting
the charger, the charging FET gate is fixed to VSS potential.
When the voltage between the gate sources of the charging FET becomes equal to or higher than the
turn-on voltage by the charger voltage, the charging FET turns on to start charging. At this time, the
discharging FET turns off and the charging current flows through the internal parasitic diode in the
discharging FET. If all the battery voltages become equal to or higher than the over discharge release
voltage (VDU), the normal condition returns.
CAUTION In the products without 0 V battery charging function, the resistance between VCC and
VMP and between VSS and VMP are lower than the products with 0 V battery charging
function. It causes to that over charge detection voltage increases by the drop voltage
of R5 (see Figure 8 for a connection example) with sink current at VMP.
The COP output is undefined below 2.0 V on VCC-VSS voltage in the products without
0 V battery charging function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com