Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8233C Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S8233C
Description  BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8233C Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S8233C Datasheet HTML 1Page - Seiko Instruments Inc S8233C Datasheet HTML 2Page - Seiko Instruments Inc S8233C Datasheet HTML 3Page - Seiko Instruments Inc S8233C Datasheet HTML 4Page - Seiko Instruments Inc S8233C Datasheet HTML 5Page - Seiko Instruments Inc S8233C Datasheet HTML 6Page - Seiko Instruments Inc S8233C Datasheet HTML 7Page - Seiko Instruments Inc S8233C Datasheet HTML 8Page - Seiko Instruments Inc S8233C Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C Series
Rev.4.0_00
Seiko Instruments Inc.
2
Block Diagram
Battery 1
Over charge
Battery 3
Over discharge
Battery 3
Over charge
Battery 2
Over charge
Battery 2
Over discharge
Over charge
delay circuit
Battery 1
Over discharge
Reference
voltage 3
Reference
voltage 2
Reference
voltage 1
Control
Logic
Over current
detection
circuit
Over discharge
delay circuit
Over current1‚
delay circuit
Over current
2,3 delay
circuit
-
+
-
+
-
+
-
+
-
+
-
+
DOP
VMP
COVT
CDT
CCT
COP
CTL
VSS
DSO
VC2
ISO
CSO
VC1
VCC
Floating
detection circuit
Over
charge
Over
current
Over
discharge
Figure 1
The delay time for over current detection 2 and 3 is fixed by an internal IC circuit. The delay time cannot
be changed via an external capacitor.
If one of the battery voltages becomes higher than the over charge detection voltage (VCU), the CSO
terminal goes high.
If one of the battery voltages becomes lower than the over discharge detection voltage (VDD), the DSO
terminal goes high.
If S-8233C series detect over current, the ISO terminal goes high.
In normal state each terminal output ‘Low’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com