Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT30 Datasheet(PDF) 4 Page - CUI INC

Part # AMT30
Description  MODULAR ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT30 Datasheet(HTML) 4 Page - CUI INC

  AMT30 Datasheet HTML 1Page - CUI INC AMT30 Datasheet HTML 2Page - CUI INC AMT30 Datasheet HTML 3Page - CUI INC AMT30 Datasheet HTML 4Page - CUI INC AMT30 Datasheet HTML 5Page - CUI INC AMT30 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date
03/25/2014 │ page 4 of 6
CUI Inc
│ SERIES: AMT30 │ DESCRIPTION: MODULAR ENCODER
0.55
R2.10 0.083
25.48 1.003
1.70 0.067
(2 PLCS)
16.00 0.630
0.116
(2 PLCS)
2.00 0.079
(4 PLCS)
22.00 0.866
21.45 0.844
20.90 0.823
19.05 0.750
2.95
12.60 0.496
15.33 0.604
A (3 PLCS)
10.93 0.430
37.39 1.472
10.34 0.407
15.30 0.602
R
0.610
15.49
28.58 1.125
SPECIFIED
±0.05mm UNLESS OTHERWISE
TOLERANCE:
DETAIL A
SCALE 4 : 1
MECHANICAL DRAWING
AMT303LD COMM WWYY
US Patent No. 6892590
SCALE 5:1
18.60mm
R1.20mm
AMT303 COMM WWYY
US Patent No. 6892590
SCALE 5:1
18.60mm
R1.20mm
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com