Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP110 Datasheet(PDF) 1 Page - CUI INC

Part # CP110
Description  PELTIER MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP110 Datasheet(HTML) 1 Page - CUI INC

  CP110 Datasheet HTML 1Page - CUI INC CP110 Datasheet HTML 2Page - CUI INC CP110 Datasheet HTML 3Page - CUI INC CP110 Datasheet HTML 4Page - CUI INC CP110 Datasheet HTML 5Page - CUI INC CP110 Datasheet HTML 6Page - CUI INC CP110 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
date 11/05/2019
page 1 of 7
SERIES: CP110
│ DESCRIPTION: PELTIER MODULE
cuidevices.com
FEATURES
• arcTEC structure
• enhanced reliability for high thermal cycling
• superior thermal performance
• silicon sealed
• wide ΔT max
• precise temperature control
• solid state construction
MODEL
input
voltage1
input
current2
internal
resistance3
output
Qmax4
output
∆Tmax5
max
(Vdc)
max
(A)
typ
(Ω±10%)
T
h=27°C
(W)
T
h=50°C
(W)
T
h=27°C
(°C)
T
h=50°C
(°C)
CP1130325
11.8
11.0
0.9
74.7
82
68
75
CP1140203
7.6
11.0
0.53
48
52
70
77
CP11404432
24.1
11.0
1.65
156
171
70
77
CP115559405
24.6
11.0
1.66
154
169
70
77
Notes:
1. Maximum voltage at ΔT max and T
h=27°C
2. Maximum current to achieve ΔT max
3. Measured by AC 4-terminal method at 25°C
4. Maximum heat absorbed at cold side occurs at I
max, Vmax, and ∆T=0°C
5. Maximum temperature difference occurs at I
max, Vmax, and Q=0W (ΔT max measured in a vacuum at 1.3 Pa)
Additional Resources: Product Page | 3D Model


Similar Part No. - CP110

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
CP110 SAMESKY-CP110 Datasheet
1Mb / 8P
PELTIER MODULE
09/12/2024
logo
List of Unclassifed Man...
CP1100 ETC-CP1100 Datasheet
315Kb / 3P
Transhield CP1000 Series
CP1100A ETC-CP1100A Datasheet
315Kb / 3P
Transhield CP1000 Series
logo
Jiangsu High diode Semi...
CP1100SC HDSEMI-CP1100SC Datasheet
1Mb / 5P
SMB Plastic-Encapsulate Diodes
logo
JILIN SINO-MICROELECTRO...
CP1100T5A JSMC-CP1100T5A Datasheet
739Kb / 8P
REVER BLOCKING TRIODE THYRISTORS(SCR)
202401B
More results

Similar Description - CP110

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
PELTIER MODULE
CP35 CUI-CP35 Datasheet
714Kb / 8P
PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
PELTIER MODULE
CP120 CUI-CP120 Datasheet
297Kb / 4P
PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
PELTIER MODULE
11/09/2020
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
PELTIER MODULE
11/17/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
PELTIER MODULE
10/18/2019
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
PELTIER MODULE
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com