Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLN Datasheet(PDF) 2 Page - AVX Corporation

Part # TLN
Description  High Capacitance Tantalum Solid Electrolytic Chip Capacitors Undertab Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLN Datasheet(HTML) 2 Page - AVX Corporation

  TLN Datasheet HTML 1Page - AVX Corporation TLN Datasheet HTML 2Page - AVX Corporation TLN Datasheet HTML 3Page - AVX Corporation TLN Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Capacitance
Voltage Rating DC (V
R) to 85°C
μF
Code
4V (G)
6.3V (J)
10V (A)
680
687
1000
108
4(100)/6(55)
1500
158
4(100)
6(55)
2200
228
6(55)
3300
338
6(55)
CAPACITANCE AND RATED VOLTAGE RANGE
(FIGURE DENOTES CASE SIZE)
TLN PulseCap
TM Series
High Capacitance Tantalum Solid Electrolytic Chip Capacitors
Undertab Series
Released ratings (ESR ratings in mOhms in parentheses)
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher voltage ratings in the same case size, to the same reliability standards.
RATINGS & PART NUMBER REFERENCE
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalogue limit post mounting
DCL allowed to move up to 2.00 times catalogue limit post mounting
For typical weight and composition see page 274.
NOTE: AVX reserves the right to supply higher voltage ratings or tighter tolerance part in the same case size, to the same reliability standards.
Rated
Rated
Category
Category
DCL
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
4 Volt @ 40°C
TLN6338M004#0055
6
3300
4
40
0.8
125
132
55
2045
1840
818
3
6.3 Volt @ 40°C
TLN4158M006#0100
4
1500
6.3
40
1.3
125
90
100
1285
1156
514
3
TLN6228M006#0055
6
2200
6.3
40
1.3
125
132
55
2045
1840
818
3
10 Volt @ 40°C
TLN4108M010#0100
4
1000
10
40
2
125
100
100
1285
1156
514
3
TLN6108M010#0055
6
1000
10
40
2
125
100
55
2045
1840
818
3
TLN6158M010#0055
6
1500
10
40
2
125
150
55
2045
1840
818
3
56
071119



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com