Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2105237 Datasheet(PDF) 1 Page - Schneider Electric

Part # QO2105237
Description  Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Plug in
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2105237 Datasheet(HTML) 1 Page - Schneider Electric

  QO2105237 Datasheet HTML 1Page - Schneider Electric QO2105237 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QO2105237
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Plug in
Product availability : Stock - Normally stocked in distribution facility
Price** : 80.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
10 A
Voltage Rating
120/240 V AC
120 V AC
48 V DC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Ring tongue
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
5 kA 48 V DC
Number of Panel Spaces
2
Wire Size
AWG 14...AWG 8 copper or aluminium
Tightening torque
40.71 lbf.in (4.6 N.m)
Height
76.20 mm (3 in)
Depth
73.91 mm (2.91 in)
Width
38.10 mm (1.5 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Dec 6, 2019
1


Similar Part No. - QO2105237

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO210 SCHNEIDER-QO210 Datasheet
111Kb / 3P
QO mini breaker, 10 A, 2 pole, 120/240 V, 10 kA, plug in
Dec 4, 2019
QO2100 SCHNEIDER-QO2100 Datasheet
120Kb / 3P
QO mini breaker, 100 A, 2 pole, 120/240 V, 10 kA, plug in
QO21001021 SCHNEIDER-QO21001021 Datasheet
118Kb / 2P
QO mini breaker, 100 A, 2 pole, 120/240 V, 10 kA, plug in, shunt trip
QO21001042 SCHNEIDER-QO21001042 Datasheet
140Kb / 2P
Mini CB, QO, 100 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 16, 2019
QO21001200 SCHNEIDER-QO21001200 Datasheet
137Kb / 2P
Mini CB, QO, 100 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
Dec 20, 2019
More results

Similar Description - QO2105237

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO260 SCHNEIDER-QO260 Datasheet
153Kb / 3P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in
QO2305219 SCHNEIDER-QO2305219 Datasheet
122Kb / 2P
Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Plug in
QO2255219 SCHNEIDER-QO2255219 Datasheet
57Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO2205237 SCHNEIDER-QO2205237 Datasheet
111Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO240H SCHNEIDER-QO240H Datasheet
153Kb / 3P
Mini CB, QO, 40 A, 2P, 120/240 V, 10 kA, Plug in
QO230H5237 SCHNEIDER-QO230H5237 Datasheet
103Kb / 2P
Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Plug in
QO2305237 SCHNEIDER-QO2305237 Datasheet
111Kb / 2P
Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Plug in
QO230C SCHNEIDER-QO230C Datasheet
141Kb / 2P
Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Plug in
Dec 20, 2019
QO260C SCHNEIDER-QO260C Datasheet
137Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in
QO2705273 SCHNEIDER-QO2705273 Datasheet
108Kb / 2P
Mini CB, QO, 70 A, 2P, 120/240 V, 10 kA, Plug in
Dec 20, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com