Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2175 Datasheet(PDF) 1 Page - Schneider Electric

Part # QO2175
Description  Mini CB, QO, 175 A, 2P, 120/240 V, 10 kA, Plug in
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2175 Datasheet(HTML) 1 Page - Schneider Electric

  QO2175 Datasheet HTML 1Page - Schneider Electric QO2175 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QO2175
Mini CB, QO, 175 A, 2P, 120/240 V, 10 kA, Plug
in
Price** : 491.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
175 A
Voltage Rating
120/240 V AC
120 V AC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
Number of Panel Spaces
4
Wire Size
AWG 1...300 kcmil copper or aluminium
Tightening torque
40.71 lbf.in (4.6 N.m)
Height
88.90 mm (3.5 in)
Depth
73.91 mm (2.91 in)
Width
38.10 mm (1.5 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Dec 6, 2019
1


Similar Part No. - QO2175

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2175SB SCHNEIDER-QO2175SB Datasheet
97Kb / 2P
Surge Breaker - QO - 22.5kA -120/240VAC - 1P3W - T2
Apr 7, 2020
QO2175VH SCHNEIDER-QO2175VH Datasheet
115Kb / 2P
Mini CB, QO, 175 A, 2P, 120/240 V, 22 kA, Plug in
Dec 16, 2019
More results

Similar Description - QO2175

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2205237 SCHNEIDER-QO2205237 Datasheet
111Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO2205219 SCHNEIDER-QO2205219 Datasheet
122Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO2105237 SCHNEIDER-QO2105237 Datasheet
111Kb / 2P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO220H5237 SCHNEIDER-QO220H5237 Datasheet
56Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in
QO2175VH SCHNEIDER-QO2175VH Datasheet
115Kb / 2P
Mini CB, QO, 175 A, 2P, 120/240 V, 22 kA, Plug in
Dec 16, 2019
QO2355238 SCHNEIDER-QO2355238 Datasheet
112Kb / 2P
Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Plug in
QO220C SCHNEIDER-QO220C Datasheet
141Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in
Dec 20, 2019
QO250C SCHNEIDER-QO250C Datasheet
137Kb / 2P
Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Plug in
Dec 20, 2019
QO2305305 SCHNEIDER-QO2305305 Datasheet
124Kb / 2P
Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Plug in
QO2605238 SCHNEIDER-QO2605238 Datasheet
107Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in
Dec 20, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com