Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC32M00950KBA Datasheet(PDF) 8 Page - AVX Corporation

Part # VC32M00950KBA
Description  Transient Voltage Suppression, ESD Protection Devices & EMI Devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC32M00950KBA Datasheet(HTML) 8 Page - AVX Corporation

Back Button VC32M00950KBA Datasheet HTML 4Page - AVX Corporation VC32M00950KBA Datasheet HTML 5Page - AVX Corporation VC32M00950KBA Datasheet HTML 6Page - AVX Corporation VC32M00950KBA Datasheet HTML 7Page - AVX Corporation VC32M00950KBA Datasheet HTML 8Page - AVX Corporation VC32M00950KBA Datasheet HTML 9Page - AVX Corporation VC32M00950KBA Datasheet HTML 10Page - AVX Corporation VC32M00950KBA Datasheet HTML 11Page - AVX Corporation VC32M00950KBA Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
104
080216
Glass Encapsulated SMD Varistor MLV
(VJ12, 20, 13, 14, 15)
Industrial MLV Range – M0 Series
INDUSTRIAL MLV RANGE – VJ12, 20, 13, 14, 15 M0 SERIES
V/I CHARACTERISTIC
VI Curves 18V, 22V, and 26V
0
50
100
150
0.00001 0.0001
0.001
0.01
0.1
1
10
100
1000
Current (A)
1E-06
18V, 1.6J
22V, 1.6J
26V, 1.9J
26V, 3J
VI Curves 31V, 38V, and 45V
50
0
100
150
200
0.00001 0.0001 0.001
0.01
0.1
1
10
100
1000
Current (A)
1E-06
31V, 1.7J
38V, 1.1J
38V, 2J
38V, 4.2J
45V, 1.5J
Current (A)
0
50
100
150
200
250
1E-06 0.00001 0.0001 0.001
0.01
0.1
1
10
100
1000
56V
65V, 1.6J
85V, 1.5J
VI Curves 56V, 65V, and 85V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com