Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC20MC0950KBA Datasheet(PDF) 3 Page - AVX Corporation

Part # VC20MC0950KBA
Description  Transient Voltage Suppression, ESD Protection Devices & EMI Devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC20MC0950KBA Datasheet(HTML) 3 Page - AVX Corporation

  VC20MC0950KBA Datasheet HTML 1Page - AVX Corporation VC20MC0950KBA Datasheet HTML 2Page - AVX Corporation VC20MC0950KBA Datasheet HTML 3Page - AVX Corporation VC20MC0950KBA Datasheet HTML 4Page - AVX Corporation VC20MC0950KBA Datasheet HTML 5Page - AVX Corporation VC20MC0950KBA Datasheet HTML 6Page - AVX Corporation VC20MC0950KBA Datasheet HTML 7Page - AVX Corporation VC20MC0950KBA Datasheet HTML 8Page - AVX Corporation VC20MC0950KBA Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
99
080216
Glass Encapsulated SMD Varistor MLV
(VJ12, 20, 13, 14, 15, 32)
Automotive MLV Range – MA, PA and QA Series
TEMPERATURE CHARACTERISTICS
For Current, Energy and Power
100
120
80
60
40
20
0
-55
-25
0
25
Ambient Temperature (
°C)
50
75
100
125
150
IMPEDANCE CHARACTERISTICS
VJ15PA0160K
VJ15MA0160K
VJ14MA0160K
VJ13MA0160K
VJ20MA0160K
VJ15MA0340K
100
10
1
0.1
0.01
1,000
10,000
100,000
Frequency (kHz)
1,000,000
Case
Max.
Max.
Energy
Energy
Jump
Mean
Typical
Size
Working
Breakdown
Vclamp
Peak
leakage
(10x
Load-
Start
Power
Cap
T
EIA
Voltage
Voltage at 1mA
(8x20µs)
current current
1000µs)
Dump
(5mn)
Dissipation
1KHz/
max.
(8x20µs) at Vdc
(x10**)
.5Vrms
Vrms
Vdc
min
Nom
max
Vp
Ip (A)
Amp.
µA
J
J
max. V
W
pF
mm
24-65 V Power Supply
*VJ20MA0650K--
1206
50
65
76.5
85
93.5
135
1
150
15
1.5
1.5
70
0.008
200
1.7
*VJ13MA0650K--
1210
50
65
76.5
85
93.5
135
2.5
250
15
3.5
3
70
0.010
200
1.7
*VJ14MA0650K--
1812
50
65
76.5
85
93.5
135
5
500
15
5
6
70
0.015
400
2.0
*VJ15MA0650K--
2220
50
65
76.5
85
93.5
135
10
1000
15
12
12
70
0.030
800
2.0
*VJ32MA0650K--
3220
50
65
76.5
85
93.5
135
10
1500
15
13
50
70
0.040
3500
2.5
24-85 V Power Supply
*VJ20MA0850K--
1206
60
85
99
110
121
165
1
120
15
1.5
1.5
90
0.008
120
1.7
*VJ13MA0850K--
1210
60
85
99
110
121
165
2.5
200
15
3.5
3
90
0.010
200
1.7
*VJ14MA0850K--
1812
60
85
99
110
121
165
5
500
15
5
6
90
0.015
400
2.0
*VJ15MA0850K--
2220
60
85
99
110
121
165
10
1000
15
12
12
90
0.030
800
2.0
*VJ32MA0850K--
3220
60
85
99
110
121
165
10
1500
15
13
50
90
0.040
2500
2.5
* under development
** time interval between pulses: 60s min.
VC with hybrid solderable termination same electrical characteristics
Other voltage or energy values available upon request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com