Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC14MC0950KBA Datasheet(PDF) 2 Page - AVX Corporation

Part # VC14MC0950KBA
Description  Transient Voltage Suppression, ESD Protection Devices & EMI Devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC14MC0950KBA Datasheet(HTML) 2 Page - AVX Corporation

  VC14MC0950KBA Datasheet HTML 1Page - AVX Corporation VC14MC0950KBA Datasheet HTML 2Page - AVX Corporation VC14MC0950KBA Datasheet HTML 3Page - AVX Corporation VC14MC0950KBA Datasheet HTML 4Page - AVX Corporation VC14MC0950KBA Datasheet HTML 5Page - AVX Corporation VC14MC0950KBA Datasheet HTML 6Page - AVX Corporation VC14MC0950KBA Datasheet HTML 7Page - AVX Corporation VC14MC0950KBA Datasheet HTML 8Page - AVX Corporation VC14MC0950KBA Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
98
080216
Glass Encapsulated SMD Varistor MLV
(VJ12, 20, 13, 14, 15, 32)
Automotive MLV Range – MA, PA and QA Series
AUTOMOTIVE SERIES – VJ12, 20, 13, 14, 15, 32 MA and PA SERIES
FEATURES
• Well suited to protect against automotive related transients
• Response time <1ns
• Load Dump capability 1J to 50J according to ISO standard
DP7637 pulse 5
• Jump start capability
• Complying to AEC-Q 200
• VJ: Nickel and Tin (100%) plated Termination suitable for lead
free soldering
• VC: PdPtAg termination for hybrid assembly without glass
coating
• RoHS Compliant, IMDS Registration upon request
GENERAL CHARACTERISTICS
Storage Temperature: -55ºC to +150ºC
Operating Temperature: -55ºC to +125ºC*
* 150°C upon request
Available in case size 0805 to 3220
Working voltage from 16Vdc to 85Vdc
APPLICATIONS
• Protection of various semiconductor elements from
overvoltage.
• Absorption of switching surge and electrostatic surge for
relays and motors.
• Protection of electronic equipment for automobiles from
induced lightning surge.
PART NUMBERS
Case
Max.
Max.
Energy
Energy
Jump
Mean
Typical
Size
Working
Breakdown
Vclamp
Peak
leakage
(10x
Load-
Start
Power
Cap
T
EIA
Voltage
Voltage at 1mA
(8x20µs)
current current
1000µs)
Dump
(5mn)
Dissipation
1KHz/
max.
(8x20µs) at Vdc
(x10**)
.5Vrms
Vrms
Vdc
min
Nom
max
Vp
Ip (A)
Amp.
µA
J
J
max. V
W
pF
mm
12-16 V Power Supply
*VJ12PA0160K--
0805
14
16
22
24.5
27
40
1
120
15
0.3
1
24.5
0.005
500
1.3
VJ20MA0160K--
1206
14
16
22
24.5
27
40
1
200
15
0.6
1.5
24.5
0.008
800
1.7
VJ20PA0160K--
1206
14
16
22
24.5
27
40
1
300
15
1.1
2
24.5
0.008
1 100
1.7
VJ13MA0160K--
1210
14
16
22
24.5
27
40
2.5
400
15
1.6
3
24.5
0.010
1 800
1.7
VJ13PA0160K--
1210
14
16
22
24.5
27
40
2.5
500
15
2
5
24.5
0.010
2 300
1.7
VJ14MA0160K--
1812
14
16
22
24.5
27
40
5
800
15
2.4
6
24.5
0.015
5 400
2.0
VJ14PA0160K--
1812
14
16
22
24.5
27
40
5
1000
15
2.9
10
24.5
0.015
6 200
2.0
VJ15MA0160K--
2220
14
16
22
24.5
27
40
10
1200
15
5.8
12
24.5
0.030 11 000
2.0
VJ15PA0160K--
2220
14
16
22
24.5
27
40
10
1500
15
7.2
25
24.5
0.030 16 000
2.0
VJ15QA0160K--
2220
14
16
22
24.5
27
40
10
2000
15
7.5
35
24.5
0.030 25 000
2.0
VJ32PA0160K--
3220
14
16
22
24.5
27
40
10
3000
15
13.8
50
24.5
0.040 30 000
2.5
12-22 V Power Supply
VJ20PA0220K--
1206
17
22
27
30
33
49
1
250
15
1
2
26
0.008
1 000
1.7
VJ13PA0220K--
1210
17
22
27
30
33
49
2.5
400
15
1.7
5
26
0.010
2 000
1.7
VJ14PA0220K--
1812
17
22
27
30
33
49
5
700
15
2.5
10
26
0.015
6 000
2.0
VJ15PA0220K--
2220
17
22
27
30
33
49
10
1500
15
6.8
25
26
0.030 15 000
2.0
VJ32PA0220K--
3220
17
22
27
30
33
49
10
3000
15
13
50
26
0.040 25 000
2.5
12-26 V Power Supply
VJ20PA0260K--
1206
23
26
31.5
35
38.5
57
1
200
15
1
2
30
0.008
600
1.7
VJ13PA0260K--
1210
23
26
31.5
35
38.5
57
2.5
300
15
1.7
5
30
0.010
1 200
1.7
VJ14PA0260K--
1812
23
26
31.5
35
38.5
57
5
600
15
2.5
10
30
0.015
3 000
2.0
VJ15PA0260K--
2220
23
26
31.5
35
38.5
57
10
1500
15
6.8
25
30
0.030
7 000
2.0
VJ32PA0260K--
3220
23
26
31.5
35
38.5
57
10
3000
15
13
50
30
0.040 15 000
2.5
24-34 V Power Supply
VJ20PA0340K--
1206
30
34
42.3
47
51.7
77
1
200
15
1.5
1.5
47
0.008
300
1.7
VJ13PA0340K--
1210
30
34
42.3
47
51.7
77
2.5
350
15
3.5
3
47
0.010
650
1.7
VJ14PA0340K--
1812
30
34
42.3
47
51.7
77
5
600
15
5
6
47
0.015
1 800
2.0
VJ15MA0340K--
2220
30
34
42.3
47
51.7
77
10
1200
15
10
12
47
0.030
4 000
2.0
VJ15PA0340K--
2220
30
34
42.3
47
51.7
77
10
1500
15
12
25
47
0.030
7 000
2.0
VJ32PA0340K--
3220
30
34
42.3
47
51.7
77
10
3000
15
13
50
47
0.040 10 000
2.5
24-42 V Power Supply
*VJ20PA0420K--
1206
37
42
50.4
56
61.6
91
1
150
15
1.5
1.5
47
0.008
140
1.7
*VJ13PA0420K--
1210
37
42
50.4
56
61.6
91
2.5
250
15
3.5
3
47
0.010
300
1.7
*VJ14PA0420K--
1812
37
42
50.4
56
61.6
91
5
500
15
5
6
47
0.015
800
2.0
*VJ15PA0420K--
2220
37
42
50.4
56
61.6
91
10
1500
15
12
12
47
0.030
1 800
2.0
*VJ32PA0420K--
3220
37
42
50.4
56
61.6
91
10
3000
15
13
50
47
0.040
2 800
2.5
* under development
** time interval between pulses: 60s min.
VC with hybrid solderable termination same electrical characteristics
Other voltage or energy values available upon request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com