Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

96475310 Datasheet(PDF) 1 Page - Adels-Contact

Part # 96475310
Description  AC 166 VLCG/315 100 white "Dca"
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

96475310 Datasheet(HTML) 1 Page - Adels-Contact

  96475310 Datasheet HTML 1Page - Adels-Contact 96475310 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15/11/2019
Connectors System AC 166®
Cord Set
AC 166 VLCG/315 100 white "Dca"
Connection Cable, 3 pole, white, Coding: 1 (Mains), Cable
Type: H05Z1Z1-F, Core Cross-Section: 1.5 mm², Fire Class: Dca,
Length: 1.00 m, Voltage Rating: 250 V, Current Rating: 16 A
Order Info
Reference Number (ref. no.)
96475310
Applications
Lighting, Installation, Electrical Appliances
PU
75
EAN
4028012112098
Type
Type
Connection Cable
Number of poles
3 pole
Colour
white
Coding
1 (Mains)
PE Function
yes
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
250 V
Current Rating
16 A
Insulating Material
PA 6.6
Contact Material
Brass
max. Ambient Temperature Operation
70 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Flexible
yes
Cable Type
H05Z1Z1-F
Core Cross-Section
1.5 mm²
Fire Class
Dca
Length
1.00 m
Approbation EN61535
AC166-G_Leitungen_EN61535_20121212_20180725_VDE_ENEC_40036146_web.pdf
Accessories
AC 166 VKH/ 3 white
169253
AC 166 VKH/ 3 black
169263


Similar Part No. - 96475310

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
96475305 ADELS-96475305 Datasheet
124Kb / 2P
AC 166 VLCG/315 050 white Dca
15/11/2019
96475320 ADELS-96475320 Datasheet
124Kb / 2P
AC 166 VLCG/315 200 white "Dca"
15/11/2019
96475330 ADELS-96475330 Datasheet
124Kb / 2P
AC 166 VLCG/315 300 white Dca
15/11/2019
96475340 ADELS-96475340 Datasheet
124Kb / 2P
AC 166 VLCG/315 400 white "Dca"
15/11/2019
More results

Similar Description - 96475310

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
9D477310 ADELS-9D477310 Datasheet
124Kb / 2P
AC 166 VLCG/325 100 white Dca
15/11/2019
9D475410 ADELS-9D475410 Datasheet
123Kb / 2P
AC 166 VLCG/415 100 white Dca
26/11/2019
9D475510 ADELS-9D475510 Datasheet
123Kb / 2P
AC 166 VLCG/515 100 white "Dca"
26/11/2019
9D477510 ADELS-9D477510 Datasheet
123Kb / 2P
AC 166 VLCG/525 100 white Dca
26/11/2019
16475310 ADELS-16475310 Datasheet
124Kb / 2P
AC 166 VLCG/315 100 white
15/11/2019
96475305 ADELS-96475305 Datasheet
124Kb / 2P
AC 166 VLCG/315 050 white Dca
15/11/2019
96475320 ADELS-96475320 Datasheet
124Kb / 2P
AC 166 VLCG/315 200 white "Dca"
15/11/2019
96475330 ADELS-96475330 Datasheet
124Kb / 2P
AC 166 VLCG/315 300 white Dca
15/11/2019
96475340 ADELS-96475340 Datasheet
124Kb / 2P
AC 166 VLCG/315 400 white "Dca"
15/11/2019
96476310 ADELS-96476310 Datasheet
129Kb / 2P
AC 166 VLCG/315 100 black "Dca"
15/11/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com