Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843003 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS843003
Description  FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843003 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS843003 Datasheet HTML 1Page - Integrated Circuit Systems ICS843003 Datasheet HTML 2Page - Integrated Circuit Systems ICS843003 Datasheet HTML 3Page - Integrated Circuit Systems ICS843003 Datasheet HTML 4Page - Integrated Circuit Systems ICS843003 Datasheet HTML 5Page - Integrated Circuit Systems ICS843003 Datasheet HTML 6Page - Integrated Circuit Systems ICS843003 Datasheet HTML 7Page - Integrated Circuit Systems ICS843003 Datasheet HTML 8Page - Integrated Circuit Systems ICS843003 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
843003AG
www.icst.com/products/hiperclocks.html
REV. A JULY 27, 2004
1
Integrated
Circuit
Systems, Inc.
ICS843003
FEMTOCLOCKS™CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS843003 is a 3 differential output LVPECL
Synthesizer designed to generate Ethernet refer-
ence clock frequencies and is a member of the
HiPerClocks™ family of high performance clock
solutions from ICS. Using a 31.25MHz or
26.041666MHz, 18pF parallel resonant crystal, the following fre-
quencies can be generated based on the settings of 4 frequency
select pins (DIV_SEL[A1:A0], DIV_SEL[B1:B0]): 625MHz,
312.5MHz, 156.25MHz, and 125MHz.The 843003 has 2 output
banks, Bank A with 1 differential LVPECL output pair and Bank
B with 2 differential LVPECL output pairs.
The two banks have their own dedicated frequency select pins
and can be independently set for the frequencies mentioned
above.The ICS843003 uses ICS’3rd generation low phase noise
VCO technology and can achieve 1ps or lower typical rms phase
jitter, easily meeting Ethernet jitter requirements.The ICS843003
is packaged in a small 24-pin TSSOP package.
FEATURES
• Three 3.3V LVPECL outputs on two banks, A Bank with
one LVPECL pair and B Bank with 2 LVPECL output pairs
• Using a 31.25MHz or 26.041666 crystal, the two output
banks can be independently set for 625MHz, 312.5MHz,
156.25MHz or 125MHz
• Selectable crystal oscillator interface or LVCMOS/LVTTL
single-ended input
• VCO range: 560MHz to 700MHz
• RMS phase jitter @ 156.25MHz (1.875MHz - 20MHz):
0.51ps (typical)
• RMS phase noise at 156.25MHz
Phase noise:
Offset
Noise Power
100Hz ............... -96.8 dBc/Hz
1KHz .............. -119.1 dBc/Hz
10KHz .............. -126.4 dBc/Hz
100KHz .............. -127.0 dBc/Hz
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature
• Industrial temperature available upon request
HiPerClockS™
ICS
0
1
0
1
Phase
Detector
VCO
625MHz
0 = ÷20 (default)
1 = ÷24
0 0
÷1
0 1
÷2 (default)
1 0
÷4
1 1
÷5
0 0
÷1
0 1
÷2
1 0
÷4 (default)
1 1
÷5
FB_DIV
OSC
BLOCK DIAGRAM
OEA
DIV_SELA[1:0]
VCO_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
XTAL_SEL
FB_DIV
DIV_SELB[1:0]
MR
OEB
QA0
nQA0
QB0
nQB0
QB1
nQB1
Pulldown
Pulldown
Pullup
Pullup
Pullup
Pullup
PIN ASSIGNMENT
ICS843003
24-Lead TSSOP
4.40mm x 7.8mm x 0.92mm
package body
G Package
Top View
DIV_SELB0
VCO_SEL
MR
VCCO_A
QA0
nQA0
OEB
OEA
FB_DIV
VCCA
VCC
DIV_SELA0
1
2
3
4
5
6
7
8
9
10
11
12
DIV_SELB1
VCCO_B
QB0
nQB0
QB1
nQB1
XTAL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
VEE
DIV_SELA1
24
23
22
21
20
19
18
17
16
15
14
13
Pulldown


Similar Part No. - ICS843003

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003AGI-01 ICST-ICS843003AGI-01 Datasheet
197Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 26, 2005
logo
Integrated Device Techn...
ICS843003AGI-01LF IDT-ICS843003AGI-01LF Datasheet
233Kb / 17P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843003AGI-01LFT IDT-ICS843003AGI-01LFT Datasheet
233Kb / 17P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843003AGI-01T ICST-ICS843003AGI-01T Datasheet
197Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 26, 2005
logo
Integrated Device Techn...
ICS843003AGLF IDT-ICS843003AGLF Datasheet
378Kb / 21P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
More results

Similar Description - ICS843003

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A OCTOBER 26, 2005
ICS843002-01 ICST-ICS843002-01 Datasheet
238Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MAY 6, 2005
ICS843002 ICST-ICS843002 Datasheet
309Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843204I ICST-ICS843204I Datasheet
109Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 9, 2005
logo
Integrated Device Techn...
ICS843242 IDT-ICS843242 Datasheet
287Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003 IDT-843003 Datasheet
378Kb / 21P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
843256I IDT-843256I Datasheet
272Kb / 17P
FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com