Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMB13 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PUMB13
Description  PNP/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMB13 Datasheet(HTML) 4 Page - NXP Semiconductors

  PUMB13 Datasheet HTML 1Page - NXP Semiconductors PUMB13 Datasheet HTML 2Page - NXP Semiconductors PUMB13 Datasheet HTML 3Page - NXP Semiconductors PUMB13 Datasheet HTML 4Page - NXP Semiconductors PUMB13 Datasheet HTML 5Page - NXP Semiconductors PUMB13 Datasheet HTML 6Page - NXP Semiconductors PUMB13 Datasheet HTML 7Page - NXP Semiconductors PUMB13 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2004 Apr 15
4
Philips Semiconductors
Product specification
PNP/PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = 47 kΩ
PEMB13; PUMB13
THERMAL CHARACTERISTICS
Notes
1. Device mounted on an FR4 printed-circuit board, single-sided copper, standard footprint.
2. Reflow soldering is the only recommended soldering method.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Per transistor
Rth j-a
thermal resistance from junction to ambient
Tamb ≤ 25 °C
SOT363
note 1
625
K/W
SOT666
notes 1 and 2
625
K/W
Per device
Rth j-a
thermal resistance from junction to ambient
Tamb ≤ 25 °C
SOT363
note 1
416
K/W
SOT666
note 1
416
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −50 V; IE =0
−−−100
nA
ICEO
collector-emitter cut-off current
VCE = −30 V; IB =0
−−−1
µA
VCE = −30 V; IB = 0; Tj = 150 °C
−−−50
µA
IEBO
emitter-base cut-off current
VEB = −5 V; IC =0
−−−170
µA
hFE
DC current gain
VCE = −5 V; IC = −10 mA
100
−−
VCEsat
saturation voltage
IC = −5 mA; IB = −0.25 mA
−−−100
mV
Vi(off)
input-off voltage
VCE = −5 V; IC = −100 µA
−−0.6
−0.5
V
Vi(on)
input-on voltage
VCE = −0.3 V; IC = −5mA
−1.3
−0.9
−
V
R1
input resistor
3.3
4.7
6.1
k
Ω
resistor ratio
8
10
12
Cc
collector capacitance
IE =ie = 0; VCB = −10 V;
f = 1 MHz
−−
3pF
R2
R1
--------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com