Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA3200AEP5AP Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # ADA3200AEP5AP
Description  AMD Athlon 64 Processor Power and Thermal Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200AEP5AP Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button ADA3200AEP5AP Datasheet HTML 16Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 17Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 18Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 19Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 20Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 21Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 22Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 23Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 24Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
30430 Rev. 3.43
October 2004
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
Chapter 3
AMD Sempron™ Desktop Processor
21
Chapter 3
AMD Sempron™ Desktop
Processor
The specifications for the AMD Sempron™ processor are listed in Table 20 on page 23. Each
column represents a specific Ordering Part Number (OPN). Figure 3 provides an example of the
OPN structure for this processor family.
Refer to the AMD Sempron™ Product Data Sheet, order# 31805, for all other electrical
specifications for the processor. Refer to the BIOS and Kernel Developer’s Guide for
AMD Athlon™ 64 and AMD Opteron™ Processors, order# 26094 for power management BIOS
requirements.
SDA 3100 A I P 3 AX
Part Definition: AX= Rev CG (see Table 30)
L2 Cache Size: 3= 256 KB (see Table 31)
Case Temperature: P= 70
°C (see Table 32)
Operating Voltage: I= 1.40V (see Table 33)
Package: A= 754 Pin Lidded OµPGA (see Table 34)
Model Number: 3100: 1800 MHz (see Table 35)
Brand: AMD Sempron™ Desktop
Figure 3 AMD Sempron™ Processor Ordering Part Number Example
Table 14 AMD Sempron™ Processor Part Definition Options
AX
Rev CG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com