Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT5130 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # INT5130
Description  Integrated Powerline MAC/PHY Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INT5130 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button INT5130 Datasheet HTML 3Page - List of Unclassifed Manufacturers INT5130 Datasheet HTML 4Page - List of Unclassifed Manufacturers INT5130 Datasheet HTML 5Page - List of Unclassifed Manufacturers INT5130 Datasheet HTML 6Page - List of Unclassifed Manufacturers INT5130 Datasheet HTML 7Page - List of Unclassifed Manufacturers INT5130 Datasheet HTML 8Page - List of Unclassifed Manufacturers INT5130 Datasheet HTML 9Page - List of Unclassifed Manufacturers INT5130 Datasheet HTML 10Page - List of Unclassifed Manufacturers INT5130 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
INTELLON CONFIDENTIAL
7
ADVANCE INFORMATION
Rev 8.1
INT5130 Integrated Powerline MAC/PHY Transceiver Technical Data Sheet
SPI Master Port (Configuration PROM Interface)
SPI_DO
Output
SPI Master Data Out
INT5130 configuration data from the INT5130 to the
external E
2PROM.
SPI_DI
Input
SPI Master Data In
INT5130 configuration data from the external
E
2PROM to the INT5130.
SPI_CLK
Output
SPI Master Clock
Timing reference signal for SPI_DI and SPI_DO.
SPI_CS
Output
SPI Master Chip Select
Enables data transfers on the SPI Master Interface.
LED Control
LED0_N
Output
LED0_N: Collision Detection
Activate for a duration of 10 ms upon detection of a
collision.
LED1_N
Output
LED1_N: Activity Detection
Activate for a duration of 10 ms upon the receipt of
a properly addressed unicast or broadcast frame or
the transmission of a frame.
LED2_N
Output
LED2_N: Link Detection
Turns on when initialization is complete successfully
and “network” is established.
Analog Front End Interface
ADC_CLK
Output
ADC Clock
ADC clock output to the INT1000 Analog Conversion
IC.
DAC_CLK
Output
DAC Clock
DAC clock output to the INT1000 Analog Conversion
IC.
TX_EN
Output
Analog Front End Transmit Enable
Transmit Enable signal
RX_EN
Output
Analog Front End Receive Enable
Receive Enable signal
ADIO[9:0]
Input/Output
Analog/Digital I/O
ADC and DAC Data. Multiplexed parallel interface to
INT1000 Analog Conversion IC.
AGC[7:0]
Output
AGC Gain Select
Gain control driven by the INT5130 to set the AGC
level.
ADC_CAL
Output
ADC Calibrate
This pin must remain low during normal operation of
the ADC. It is pulsed high to request a calibration
cycle. The ADC_CAL minimum pulse width is 4
clock cycles. While this signal is high the ADC
calibration registers are cleared and the calibration
control circuitry is reset. The ADC_CAL pulse will
go high 217 clock cycles (2.6 ms) after power on
reset drops, and will remain high for the required 4
clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com