Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5504 Datasheet(PDF) 33 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS5504 Datasheet HTML 29Page - Texas Instruments TAS5504 Datasheet HTML 30Page - Texas Instruments TAS5504 Datasheet HTML 31Page - Texas Instruments TAS5504 Datasheet HTML 32Page - Texas Instruments TAS5504 Datasheet HTML 33Page - Texas Instruments TAS5504 Datasheet HTML 34Page - Texas Instruments TAS5504 Datasheet HTML 35Page - Texas Instruments TAS5504 Datasheet HTML 36Page - Texas Instruments TAS5504 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
Introduction
25
SLES123 − October 2004
TAS5504
Time
Decay
Attack
td +* 1 Fs
N(1 * D)
ta +* 1 Fs
N(1 * A)
Figure 1−19. TAS5504 Attack and Decay Definition
1.10.2
Compression/Expansion Coefficient Computation Engine Parameters
There are seven programmable parameters assigned to each DRC block: two threshold parameters - T1 and
T2, two offset parameters - O1 and O2, and three slope parameters - k0, k1, and k2. The threshold parameters
establish the three regions of the DRC transfer curve, the offsets anchor the transfer curve by establishing
known gain settings at the threshold levels, and the slope parameters define whether a given region is a
compression or an expansion region.
The audio input stream into the DRC must pass through DRC-dedicated programmable input mixers. These
mixers are provided to scale the 32-bit input into the DRC to account for the positioning of the audio data in
the 48-bit DAP word and the net gain or attenuation in signal level between the SAP input and the DRC. The
selection of threshold values must take the gain (attenuation) of these mixers into account. The DRC
implementation examples that follow illustrate the effect these mixers have on establishing the threshold
settings.
T2 establishes the boundary between the high-volume region and the mid-volume region. T1 establishes the
boundary between the mid-volume region and the low-volume region. Both thresholds are set in logarithmic
space, and which region is active for any given rms estimator output sample is determined by the logarithmic
value of the sample.
Threshold T2 serves as the fulcrum or pivot point in the DRC transfer function. O2 defines the boost (> 0 dB)
or cut (< 0 dB) implemented by the DRC-derived gain coefficient for an rms input level of T2. If O2 = 0 dB, the
value of the derived gain coefficient is 1.0 (0x00, 80, 00, 00 in 5.23 format). k2 is the slope of the DRC transfer
function for rms input levels above T2 and k1 is the slope of the DRC transfer function for rms input levels below
T2 (and above T1). The labeling of T2 as the fulcrum stems from the fact that there cannot be a discontinuity
in the transfer function at T2. The user can, however, set the DRC parameters to realize a discontinuity in the
transfer function at the boundary defined by T1. If no discontinuity is desired at T1, the value for the offset term
O1 must obey the following equation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com