Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809984 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0809984
Description  UK 10,3-HESI 1000V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0809984 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0809984 Datasheet HTML 1Page - PHOENIX CONTACT 0809984 Datasheet HTML 2Page - PHOENIX CONTACT 0809984 Datasheet HTML 3Page - PHOENIX CONTACT 0809984 Datasheet HTML 4Page - PHOENIX CONTACT 0809984 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UK 10,3-HESI 1000V Order No.: 3211236
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3211236
PHOENIX CONTACT Deutschland GmbH
Page 4 / 5
http://www.phoenixcontact.de
Feb 25, 2011
Fuse
3061334
FUSE 10,3X38 10A PV
Fuse, 10.3x38 mm, up to 1000 V DC, gPV characteristics
3061347
FUSE 10,3X38 12A PV
Fuse, 10.3x38 mm, up to 1000 V DC, gPV characteristics
3061350
FUSE 10,3X38 16A PV
Fuse, 10.3x38 mm, up to 1000 V DC, gPV characteristics
3061363
FUSE 10,3X38 20A PV
Fuse, 10.3x38 mm, up to 1000 V DC, gPV characteristics
3061295
FUSE 10,3X38 2A PV
Fuse, 10.3x38 mm, up to 1000 V DC, gPV characteristics
3061305
FUSE 10,3X38 4A PV
Fuse, 10.3x38 mm, up to 1000 V DC, gPV characteristics
3061318
FUSE 10,3X38 6A PV
Fuse, 10.3x38 mm, up to 1000 V DC, gPV characteristics
3061321
FUSE 10,3X38 8A PV
Fuse, 10.3x38 mm, up to 1000 V DC, gPV characteristics
General
3048409
VS-UK 10,3-HESI N 3POL
Fuse modular terminal block, Color: black
Marking
0809984
ZBF10:SO/CMS
Zack marker strip, flat, in 10 mm pitch, labeled according to
customer specifications, 10-section, divisible, color: White
0809997
ZBF10:UNBEDRUCKT
Zack marker strip, flat, in 10 mm pitch, unprinted, 10-section, for
individual labeling with M-PEN 0,8, X-PEN, or CMS-P1-PLOTTER
Tools
1205066
SZS 1,0X4,0 VDE
Screwdriver, bladed, VDE insulated, size: 1.0 x 4.0 x 100 mm, 2-
component grip, with non-slip grip
Diagrams/Drawings
Circuit diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com