Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809997 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0809997
Description  UK 10,3-HESI 1000V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0809997 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0809997 Datasheet HTML 1Page - PHOENIX CONTACT 0809997 Datasheet HTML 2Page - PHOENIX CONTACT 0809997 Datasheet HTML 3Page - PHOENIX CONTACT 0809997 Datasheet HTML 4Page - PHOENIX CONTACT 0809997 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UK 10,3-HESI 1000V Order No.: 3211236
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3211236
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Feb 25, 2011
Dimensions
Width
18 mm
Length
81 mm
Height NS 35/7.5
65.5 mm
Height NS 35/15
73 mm
Technical data
Fuse
Midget / 10.3 x 38
Fuse type
Glass
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
IIIb
Nominal current IN
32 A (the current and voltage are determined by the fuse)
Nominal voltage UN
1000 V (the current and voltage are determined by the fuse)
Connection data
Conductor cross section solid min.
1.5 mm²
Conductor cross section solid max.
25 mm²
Conductor cross section stranded min.
1.5 mm²
Conductor cross section stranded max.
16 mm²
Conductor cross section AWG/kcmil min.
16
Conductor cross section AWG/kcmil max
4
Conductor cross section stranded, with ferrule
without plastic sleeve min.
1.5 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
16 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve min.
1.5 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve max.
16 mm²
2 conductors with same cross section, solid min.
1.5 mm²
2 conductors with same cross section, solid max.
4 mm²
2 conductors with same cross section, stranded
min.
1.5 mm²
2 conductors with same cross section, stranded
max.
4 mm²
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, min.
1.5 mm²



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com