Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3030459 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3030459
Description  PITTB 2,5-2DIO/O-UL/O-UR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3030459 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3030459 Datasheet HTML 1Page - PHOENIX CONTACT 3030459 Datasheet HTML 2Page - PHOENIX CONTACT 3030459 Datasheet HTML 3Page - PHOENIX CONTACT 3030459 Datasheet HTML 4Page - PHOENIX CONTACT 3030459 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PITTB 2,5-2DIO/O-UL/O-UR Order No.: 3211443
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3211443
PHOENIX CONTACT Deutschland GmbH
Page 4 / 5
http://www.phoenixcontact.de
Apr 13, 2010
Marking
0800967
STP 5-2
Double marker carrier, snaps onto the double-level spring-cage
terminal block STTB 2.5 and STTB 4, labeled with ZB 5 or ZBF 5
0800970
STP 5-2/S
Double marker carrier, snaps onto the double-level spring-cage
terminal block ZFKK 1,5, with MSTBV or ICV pick-off
0818108
UC-TM 5
UniCard sheets, for labeling terminal blocks using Zack marker
strip groove,96-section, labeling with BLUEMARK X1 and CMS-
P1-PLOTTER, color: White
0824581
UC-TM 5 CUS
UniCard sheets, for labeling terminal blocks with a zack marker
strip groove, can be printed as per customer requirements
0819796
UC-TMF 5L
UniCard sheets, for labeling terminal blocks using a flat Zack
marker strip groove, 192-section, can be labeled with CMS-P1-
PLOTTER, color: White
1050004
ZB 5 :UNBEDRUCKT
Zack strip, unprinted, 10-section, for individual labeling with M-
PEN, ZB-T or CMS system, pack is sufficient for 100 terminal
blocks, for a terminal width of 5.2 mm, color: White
1050295
ZB 5:SO/CMS
Zack strip, 10-section, divisible, special printing, marking
according to customer requirements
Plug/Adapter
3002843
ISH 2,5/0,2
Insulation stop sleeve, Color: white
3002856
ISH 2,5/0,5
Insulation stop sleeve, Color: gray
3002869
ISH 2,5/1,0
Insulation stop sleeve, Color: black
3030925
PAI-4
Test adapter, Color: gray
3030983
PS-5
Test adapter, Color: red
Tools
1204517
SZF 1-0,6X3,5
Screwdriver, blade: 0.6 x 3.5 x 100 mm, length 180 mm
Diagrams/Drawings
Circuit diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com