Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3KB4 Datasheet(PDF) 1 Page - Bytesonic Electronics Co., Ltd.

Part # D3KB4
Description  GLASSPASSIVATED BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTESONIC [Bytesonic Electronics Co., Ltd.]
Direct Link  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

D3KB4 Datasheet(HTML) 1 Page - Bytesonic Electronics Co., Ltd.

  D3KB4 Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. D3KB4 Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 3.0 Amperes
Dimensions in inches and (milimeters)
D3K
R2
~
~
-
+
4
3
2
1
4
3
2
1
.531(13.5)
.555(14.1)
.059(1.5)
.043(1.1)
.034(0.86)
.026(0.66)
.162
.138
(3.51)
(4.11)(4.11)
(3.51)
.138
.162
(4.11)
(3.51)
.138
.162
.057(1.45)
.110(2.8)
.094(2.4)
.130(3.3)
.114(2.9)
.055(1.4)
.039(1.0)
.094(2.4)
.071(1.8)
.024(0.6)
.016(0.4)
THRU
o
D3KB05
D3KB10
GLASSPASSIVATE D BRIDGERECTIFIERS
Lead Free Finish/RoHS Compliant
●
Version 1.0
2014/11/10
http://www.bytesonic.com.tw
FEATURES
● Glass passivated chip junction
● High case dielectric strength
● High surge current capability
ldeal for printed circuit board
MACHANICAL DATA
● Terminal:Plated leads solderable per MIL-STD 202E,
Method 208C
● Case:UL-94 Class V-0 recognized Flane Retardant Epoxy
● Polarity:Polarity symbol marked on body
● Mounting position:any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL D3KB05
D3KB1
D3KB2
D3KB4
D3KB6
D3KB8
D3KB10
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Output Current
@ TC=140℃ (with heatsink)
@ Ta=29℃
(without heatsink)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 1.5A DC
VF
V
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Maximum Typical Thermal Resistance without heatsink
RθJa
with heatsink
RθJC
without heatsink
RθJL
Maximum DC Reverse Current
@ Ta =25℃
at Rated DC Blocking Voltage
@ Ta =125℃
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
I(AV)
A
3
1.2
IFSM
90
A
1.10
35
55
℃/W
1.5
15
-55 to +150
-55 to +150
IR
10.0
μA
500


Similar Part No. - D3KB4

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
D3KB4 YFWDIODE-D3KB4 Datasheet
461Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Leshan Radio Company
D3KB40 LRC-D3KB40 Datasheet
190Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Zibo Seno Electronic En...
D3KB40 ZSELEC-D3KB40 Datasheet
104Kb / 2P
3.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
D3KB40 WTE-D3KB40 Datasheet
51Kb / 4P
3.0A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
September, 2012
logo
Dc Components
D3KB4A DCCOM-D3KB4A Datasheet
33Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
More results

Similar Description - D3KB4

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
D5SB20 SUNMATE-D5SB20 Datasheet
692Kb / 2P
SINGLE PHASE GLASSPASSIVATED SIP BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
EGP30A ZSELEC-EGP30A Datasheet
90Kb / 2P
3.0A GLASSPASSIVATED ULTRAFAST DIODE
HER301G ZSELEC-HER301G Datasheet
134Kb / 2P
3.0A GLASSPASSIVATED ULTRAFAST DIODE
logo
Bytesonic Electronics C...
GBP407 BYTESONIC-GBP407 Datasheet
214Kb / 2P
GLASSPASSIVATED BRIDGERECTIFIERS
Version 1.1 2013/9/28
D4KB05 BYTESONIC-D4KB05 Datasheet
139Kb / 2P
GLASSPASSIVATED BRIDGE
Version 1.1 2013/9/28
logo
Zibo Seno Electronic En...
EGP50A ZSELEC-EGP50A Datasheet
87Kb / 2P
5.0A GLASSPASSIVATED ULTRAFAST DIODE
UF300G ZSELEC-UF300G Datasheet
139Kb / 2P
3.0A GLASSPASSIVATED ULTRAFAST DIODE
UG3001 ZSELEC-UG3001 Datasheet
137Kb / 2P
3.0A GLASSPASSIVATED ULTRAFAST DIODE
UG5401 ZSELEC-UG5401 Datasheet
137Kb / 2P
3.0A GLASSPASSIVATED ULTRAFAST DIODE
logo
Rectron Semiconductor
R1600HG RECTRON-R1600HG Datasheet
126Kb / 5P
GLASSPASSIVATED HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 1600 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com