Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2175VH Datasheet(PDF) 1 Page - Schneider Electric

Part # QO2175VH
Description  Mini CB, QO, 175 A, 2P, 120/240 V, 22 kA, Plug in
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2175VH Datasheet(HTML) 1 Page - Schneider Electric

  QO2175VH Datasheet HTML 1Page - Schneider Electric QO2175VH Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QO2175VH
Mini CB, QO, 175 A, 2P, 120/240 V, 22 kA, Plug
in
Price** : 1,061.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
175 A
Voltage Rating
120/240 V AC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
Not rated
Electrical Connection
Box lugs
Complementary
Inturrupt Rating
22 kA 120/240 V AC 50/60 Hz
Number of Panel Spaces
4
Wire Size
AWG 1...300 kcmil copper or aluminium
Tightening torque
40.71 lbf.in (4.6 N.m)
Height
88.90 mm (3.5 in)
Depth
73.91 mm (2.91 in)
Width
38.10 mm (1.5 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Ordering and shipping details
Category
00083-QO BREAKERS 150-200 VH
Dec 16, 2019
1


Similar Part No. - QO2175VH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2175 SCHNEIDER-QO2175 Datasheet
115Kb / 2P
Mini CB, QO, 175 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO2175SB SCHNEIDER-QO2175SB Datasheet
97Kb / 2P
Surge Breaker - QO - 22.5kA -120/240VAC - 1P3W - T2
Apr 7, 2020
More results

Similar Description - QO2175VH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2110VH SCHNEIDER-QO2110VH Datasheet
141Kb / 3P
Mini CB, QO, 110 A, 2P, 120/240 V, 22 kA, Plug in
QO290VH SCHNEIDER-QO290VH Datasheet
139Kb / 3P
Mini CB, QO, 90 A, 2P, 120/240 V, 22 kA, Plug in
Nov 28, 2019
QO240VH SCHNEIDER-QO240VH Datasheet
151Kb / 3P
Mini CB, QO, 40 A, 2P, 120/240 V, 22 kA, Plug in
Dec 4, 2019
QO280VH SCHNEIDER-QO280VH Datasheet
140Kb / 3P
Mini CB, QO, 80 A, 2P, 120/240 V, 22 kA, Plug in
Dec 4, 2019
QO225VH SCHNEIDER-QO225VH Datasheet
157Kb / 3P
Mini CB, QO, 25 A, 2P, 120/240 V, 22 kA, Plug in
Dec 6, 2019
QO215VH SCHNEIDER-QO215VH Datasheet
142Kb / 3P
Mini CB, QO, 15 A, 2P, 120/240 V, 22 kA, Plug in
Dec 6, 2019
QO2200VH SCHNEIDER-QO2200VH Datasheet
115Kb / 2P
Mini CB, QO, 200 A, 2P, 120/240 V, 22 kA, Plug in
Dec 6, 2019
QO2175 SCHNEIDER-QO2175 Datasheet
115Kb / 2P
Mini CB, QO, 175 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO2150VH SCHNEIDER-QO2150VH Datasheet
115Kb / 2P
Mini CB, QO, 150 A, 2P, 120/240 V, 22 kA, Plug in
Dec 6, 2019
QO270VH SCHNEIDER-QO270VH Datasheet
153Kb / 3P
Mini CB, QO, 70 A, 2P, 120/240 V, 22 kA, Plug in
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com