Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALS08 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74ALS08
Description  Advanced Low Power Schottky Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ALS08 Datasheet(HTML) 2 Page - Silicon Supplies

  74ALS08 Datasheet HTML 1Page - Silicon Supplies 74ALS08 Datasheet HTML 2Page - Silicon Supplies 74ALS08 Datasheet HTML 3Page - Silicon Supplies 74ALS08 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Advanced Low Power Schottky Logic – 74ALS08
Rev 1.0
23/11/19
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1A
0.100
0.180
2
1B
0.315
0.100
3
1Y
0.625
0.100
4
2A
0.825
0.100
5
2B
1.025
0.100
6
2Y
1.370
0.260
7
GND
1.370
0.450
8
3Y
1.370
0.640
9
3A
1.015
0.825
10
3B
0.825
0.825
11
4Y
0.625
0.825
12
4A
0.425
0.825
13
4B
0.100
0.725
14
VCC
0.100
0.460
CONNECT CHIP BACK TO GND OR FLOAT
Pad Layout and Functions
1600µm (62.99 mils)
0,0
13
14
1
2
3
4
5
6
7
8
9
10
11
12
Function Table
INPUTS
OUTPUT
A
B
Y
L
L
L
L
H
L
H
L
L
H
H
H
H = High level (steady state)
L = Low level (steady state)
Logic Diagram
Pad 14 = VCC
Pad 7 = GND



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com