Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC08 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 54HC08
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC08 Datasheet(HTML) 4 Page - Silicon Supplies

  54HC08 Datasheet HTML 1Page - Silicon Supplies 54HC08 Datasheet HTML 2Page - Silicon Supplies 54HC08 Datasheet HTML 3Page - Silicon Supplies 54HC08 Datasheet HTML 4Page - Silicon Supplies 54HC08 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
High Speed CMOS Logic – 74HC08
 
DC Electrical Characteristics Continued (Voltages Referenced to GND)
Rev 1.0
07/02/19
 
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
FULL RANGE
4
UNITS
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
5. Not production tested in die form, characterized by chip design and tested in package.
25°C
85°C
2.0V
1.9
1.9
1.9
4.5V
4.4
4.4
4.4
6.0V
VIN = VIH or VIL
V
│IOUT│≤ 20µA
5.9
5.9
5.9
3.0V
VIN = VIH or VIL
│IOUT│≤ 2.4mA
2.48
2.34
2.20
4.5V
VIN = VIH or VIL
│IOUT│≤ 4.0mA
3.98
3.84
3.70
Minimum High-Level
Output Voltage
VOH
V
VIN = VIH or VIL
6.0V
│IOUT│≤ 5.2mA
5.48
5.34
5.20
2.0V
0.1
0.1
0.1
4.5V
0.1
0.1
0.1
6.0V
VIN = VIL or VIL
│IOUT│≤ 20µA
0.1
0.1
0.1
V
3.0V
VIN = VIL or VIL
│IOUT│≤ 2.4mA
0.26
0.33
0.40
4.5V
VIN = VIL or VIL
│IOUT│≤ 4.0mA
0.26
0.33
0.40
Maximum Low-Level
Output Voltage
VOL
6.0V
VIN = VIL or VIL
│IOUT│≤ 5.2mA
0.26
0.33
0.40
V
Maximum Input
Leakage Current
IIN
6.0V
VIN = VCC or GND
±0.1
±1.0
±1.0
µA
Maximum Quiescent
Supply Leakage
Current
ICC
6.0V
VIN = VCC or GND
IOUT = 0µA
1
10
40
µA
4. -40˚C ≤ TJ ≤ +85˚C
AC Electrical Characteristics5
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2.0V
75
95
110
3.0V
30
40
55
4.5V
15
19
22
Maximum Propagation
Delay, Input A or B to
Output Y
(Figure 1,2)
tPLH, tPHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
ns
13
16
19
2.0V
75
95
110
3.0V
27
32
36
4.5V
15
19
22
Maximum Output Rise
and Fall Time,
Any Output
(Figure 1,2)
tTLH, tTHL
CL = 50pF,
Input
tr = tf = 6ns
ns
6.0V
13
16
19
Page 4 of 5 
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com