Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7905 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 7905
Description  Linear Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

7905 Datasheet(HTML) 3 Page - Silicon Supplies

  7905 Datasheet HTML 1Page - Silicon Supplies 7905 Datasheet HTML 2Page - Silicon Supplies 7905 Datasheet HTML 3Page - Silicon Supplies 7905 Datasheet HTML 4Page - Silicon Supplies 7905 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 
 
Linear Voltage Regulator – 7905
Rev 1.0
19/04/19
 
 
Absolute Maximum Ratings
PARAMETER
SYMBOL
 
 
VALUE
UNIT
Input Voltage
VIN
-35
V
Power Dissipation
1
PD
Internally Limited
W
Operating Temperature Range
-
-55 to 150
 
°C
Maximum Junction Temperature
TJ
150
°C
Storage Temperature
 
TSTG
-65 to 150
°C
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TJ = 25°C
-4.80
-5.00
-5.20
Output Voltage
VOUT
5mA ≤ IOUT ≤ 1A,
-7V ≥ VIN ≥ -20V, PD ≤ 15 Watts
-4.75
-5.00
-5.25
V
-7V ≥ VIN ≥ -25V,IOUT=0.1A,TJ= 25°C
-
7
50
-8V ≥ VIN ≥ -12V,IOUT=0.1A,TJ= 25°C
-
2
25
-7V ≥ VIN ≥ -25V,IOUT=0.5A,TJ= 25°C
-
35
100
Line Regulation
ΔVOUT
-8V ≥ VIN ≥ -12V,IOUT=0.5A,TJ= 25°C
-
8
50
5mA ≤ IOUT ≤ 1.5A,TJ= 25°C
-
11
100
Load Regulation
ΔVOUT
250mA ≤ IOUT ≤ 750mA, TJ = 25°C
-
4
50
mV
Input Bias Current
IB
-
4.3
7.8
mA
-7.5V ≥ VIN ≥ -25V
-
-
1.3
Input Bias Current
Change
ΔIB
5mA ≤ IOUT ≤ 1.5A
-
-
0.5
mA
Output Noise
Voltage
Vn
10Hz ≤ f ≤ 100KHz, TJ = 25°C
-
40
-
µV/VOUT
Ripple Rejection
RR
IOUT = 20mA, f = 120Hz,
-
70
-
dB
Dropout Voltage
VIN – VOUT
IOUT = 1A, TJ = 25°C
-
2
-
V
Peak Output Current
IMAX
TJ = 25°C
-
2.1
-
A
Avg. Output Voltage
Temp. Coefficient
TCVOUT
IOUT = 5mA, 0°C ≤ TJ ≤ +125°C
-
-1.0
-
mV/°C
 
1. Results in die form are dependent on die attach and assembly method. Max power dissipation is internally limited by the die.
PARAMETER
SYMBOL
MIN
MAX
UNIT
Recommended Operating Conditions
Input Voltage
VIN
-7
-25
V
Output Current
IOUT
-
1.5
A
Operating Temperature Range
TJ
-55
125
°C
DC Electrical Characteristics, V
l =-10V, lOUT=500mA,CI=0.33µF, CO=0.1µf, TMIN≤TJ≤TMAX(unless noted otherwise)
Page 3 of 5 
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com