Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7912AC Datasheet(PDF) 4 Page - Silicon Supplies

Part # 7912AC
Description  Linear Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

7912AC Datasheet(HTML) 4 Page - Silicon Supplies

  7912AC Datasheet HTML 1Page - Silicon Supplies 7912AC Datasheet HTML 2Page - Silicon Supplies 7912AC Datasheet HTML 3Page - Silicon Supplies 7912AC Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4 
www.siliconsupplies.com
 
 
Linear Voltage Regulator – 7912AC
Rev 1.0
19/04/19
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Typical Characteristics
Figure 5 – Short-Circuit Current Versus
Input Voltage
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to
any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon Supplies Ltd
hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or system or
to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to
support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may
be endangered.
Figure 2 – Dropout Voltage Versus
Temperature
-40
-25
0
25
50
75
100
125
0.5
1
1.5
2
2.5
3
3.5
4
IOUT = 1A
Ambient Temperature TA , °C
Figure 1 – Bias Current Versus
Temperature
1
2
3
4
5
0
0
25
50
75
100
125
150
Junction Temperature TJ , °C
0
0.5
1.0
1.5
2.0
0
-10
-20
-3
TJ = 25°C
Input Voltage VIN , (V)
0
-40
Figure 3 – Short-Circuit Current Versus
Input Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com