Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2255237 Datasheet(PDF) 1 Page - Schneider Electric

Part # QO2255237
Description  Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2255237 Datasheet(HTML) 1 Page - Schneider Electric

  QO2255237 Datasheet HTML 1Page - Schneider Electric QO2255237 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QO2255237
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in
Price** : 86.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
25 A
Voltage Rating
120/240 V AC
120 V AC
48 V DC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Ring tongue
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
5 kA 48 V DC
Number of Panel Spaces
2
Wire Size
AWG 14...AWG 8 copper
Tightening torque
40.71 lbf.in (4.6 N.m)
Height
76.20 mm (3 in)
Depth
73.91 mm (2.91 in)
Width
38.10 mm (1.5 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Dec 16, 2019
1


Similar Part No. - QO2255237

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2255219 SCHNEIDER-QO2255219 Datasheet
57Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
More results

Similar Description - QO2255237

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO225VH SCHNEIDER-QO225VH Datasheet
157Kb / 3P
Mini CB, QO, 25 A, 2P, 120/240 V, 22 kA, Plug in
Dec 6, 2019
QO2255219 SCHNEIDER-QO2255219 Datasheet
57Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO2205237 SCHNEIDER-QO2205237 Datasheet
111Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO2105237 SCHNEIDER-QO2105237 Datasheet
111Kb / 2P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO225H SCHNEIDER-QO225H Datasheet
157Kb / 3P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in
QO2251021 SCHNEIDER-QO2251021 Datasheet
154Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 16, 2019
QO225H1021 SCHNEIDER-QO225H1021 Datasheet
139Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 20, 2019
QO22535 SCHNEIDER-QO22535 Datasheet
134Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in, 50Deg
QO2251042 SCHNEIDER-QO2251042 Datasheet
153Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
QO2252100 SCHNEIDER-QO2252100 Datasheet
152Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com