Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8564LE836-CC Datasheet(PDF) 9 Page - California Eastern Labs

Part # NX8564LE836-CC
Description  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8564LE836-CC Datasheet(HTML) 9 Page - California Eastern Labs

Back Button NX8564LE836-CC Datasheet HTML 3Page - California Eastern Labs NX8564LE836-CC Datasheet HTML 4Page - California Eastern Labs NX8564LE836-CC Datasheet HTML 5Page - California Eastern Labs NX8564LE836-CC Datasheet HTML 6Page - California Eastern Labs NX8564LE836-CC Datasheet HTML 7Page - California Eastern Labs NX8564LE836-CC Datasheet HTML 8Page - California Eastern Labs NX8564LE836-CC Datasheet HTML 9Page - California Eastern Labs NX8564LE836-CC Datasheet HTML 10Page - California Eastern Labs NX8564LE836-CC Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NX8564/8565/8566LE SERIES
ELECTRO-OPTICAL CHARACTERISTICS
(
Applicable to Monitor PD: TLD = Tset, TC = -20 to +70ºC, unless otherwise specified)
4.0
3.0
2.0
1.0
0
50
100
150
0
5
10
15
20
25
0
1
2
3
Forward Current IF (mA)
OPTICAL OUTPUT POWER FROM
FIBER (CW) vs. FORWARD CURRENT
EXTINCTION RATIO vs.
MODULATOR VOLTAGE
Reverse Voltage of Modulator VREA (V)
2.0
1.5
1.0
0.5
0
50
100
150
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
50
30
20
10
1
2
3
5
0
60
50
75
10
20
70
30
40
Ambient Temperature TA (ºC)
THERMISTOR RESISTANCE vs.
AMBIENT TEMPERATURE
SPECTRUM
Wavelength λ (nm)
-10
-30
-50
-70
0
-20
-40
-60
1540.0
1550.0
1560.0
1555.0
1545.0
ELECTRO-OPTICAL CHARACTERISTICS (TLD = Tset, TC = 25ºC, unless otherwise specified)
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com