Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29520C0101000 Datasheet(PDF) 2 Page - Belden Inc.

Part # 29520C0101000
Description  VFD, 3C #16 Str BC XLPO Ins #14 Symm. Seg.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

29520C0101000 Datasheet(HTML) 2 Page - Belden Inc.

  29520C0101000 Datasheet HTML 1Page - Belden Inc. 29520C0101000 Datasheet HTML 2Page - Belden Inc. 29520C0101000 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UL Voltage Rating
Voltage Rating [V]
600 V RMS
1000 V RMS (CSA AWM I/II A/B)
Temperature Range
UL Temp Rating:
90°C Dry, 90°C Wet
Operating Temp Range:
-40°C To +90°C
Mechanical Characteristics
Bulk Cable Weight:
113 lbs/1000ft
Max Recommended Pulling Tension:
107 lbs
Min Bend Radius/Minor Axis:
4 in
Standards
NEC Articles:
336 - ER
NEC/(UL) Specification:
TC-ER, XHHW-2 Singles
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU:
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
EU RoHS Compliance Date (yyyy-mm-dd): 2009-12-18
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Burial:
Yes
Suitability - Indoor:
Yes
Suitability - Oil Resistance:
Yes
Suitability - Outdoor:
Yes
Suitability - Sunlight Resistance:
Yes
Flammability, LS0H, Toxicity Testing
C(UL) Flammability:
FT4
UL Flammability:
UL1685 UL Loading
CSA Flammability:
FT4
IEEE Flammability:
1202, 383
UL voltage rating:
600 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
No
Part Number
Variants
Item #
Color
UPC
Length
29520C 0101000 Black
612825137627 1,000 ft
29520C 0105000 Black
612825137634 5,000 ft
History
Update and Revision:
Revision Number: 0.322 Revision Date: 09-10-2019



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com