Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS7780 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCS7780
Description  USB to IrDa Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCS7780 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCS7780 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS7780 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 2-16
MCS7780
USB to IrDa Port
Features
• Single 3.3V – 5.0V operation
• Lowpower
• Full compliance with the USB V1.1 specification and
IrDa 1.3
• IrDa data rates from 2.4Kbps to 4 Mbps
• Uses standard IrDa Transceivers
• Microsoft compatible
• Internal power-on reset
• On-chip oscillator
• Available in 28-pin SSOP package
Applications
• High-speed IrDa Communications
• Cell phone interface cable
Application Note
•AN-7780
Evaluation Board
• MCS7780-EVB
General Description
The MCS7780 controller provides bridging between the
Universal Serial Bus (USB) input and an IrDa wireless
data communication port. This device contains all the
necessary logic to communicate with the host computer
via the USB bus.
In addition, the MCS7780 contains a 3.3V regulator and
operates in bus-powered mode.
The MCS7780 has a reduced frequency (12MHz) crys-
tal oscillator. This combination of features allows signifi-
cant cost savings in system design along with straight
forward implementation of IrDa port functionality into PC
peripherals using the host’s USB port.
Ordering Information
Commercial Grade ( 0° C to +70° C )
MCS7780CS
28-SSOP
Standard
MCS7780CS-GR
28-SSOP
RoHS


Similar Part No. - MCS7780

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCS7784 ETC1-MCS7784 Datasheet
247Kb / 2P
USB to IrDa Port
MCS7784CS ETC1-MCS7784CS Datasheet
247Kb / 2P
USB to IrDa Port
MCS7784CS-GR ETC1-MCS7784CS-GR Datasheet
247Kb / 2P
USB to IrDa Port
More results

Similar Description - MCS7780

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB3410 TI-TUSB3410 Datasheet
317Kb / 92P
USB TO SERIAL PORT CONTROLLER
logo
List of Unclassifed Man...
STIR4220 ETC1-STIR4220 Datasheet
67Kb / 2P
USB 2.0 Hi-Speed to irDA Bridge
MCS7784 ETC1-MCS7784 Datasheet
247Kb / 2P
USB to IrDa Port
MCS7715 ETC1-MCS7715 Datasheet
250Kb / 2P
USB to Combo Serial & Printer Port
logo
Texas Instruments
TUSB3410 TI-TUSB3410_10 Datasheet
1Mb / 98P
USB to Serial Port Controller
TUSB3410-Q1 TI1-TUSB3410-Q1 Datasheet
1,009Kb / 94P
USB To Serial Port Controller
logo
Prolific Technology Inc...
PL2305 PROLIFIC-PL2305 Datasheet
211Kb / 1P
USB to Printer Port Bridge Controller
logo
Advantech Co., Ltd.
BB-USR604 ADVANTECH-BB-USR604 Datasheet
647Kb / 2P
Heavy-Duty USB to Serial Converter With Port-to-Port Isolation
logo
Black Box Registered Tr...
US-735 BLACKBOX-US-735 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial USB to Serial Adaptor
US-759 BLACKBOX-US-759 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial Isolated USB to Serial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com