Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8191K Datasheet(PDF) 2 Page - California Eastern Labs

Part # UPC8191K
Description  TX-IF SiMMIC FOR 2-CDMA ACG I/Q MODULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8191K Datasheet(HTML) 2 Page - California Eastern Labs

  UPC8191K Datasheet HTML 1Page - California Eastern Labs UPC8191K Datasheet HTML 2Page - California Eastern Labs UPC8191K Datasheet HTML 3Page - California Eastern Labs UPC8191K Datasheet HTML 4Page - California Eastern Labs UPC8191K Datasheet HTML 5Page - California Eastern Labs UPC8191K Datasheet HTML 6Page - California Eastern Labs UPC8191K Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UPC8191K
SYMBOLS
PARAMETERS
UNITS MIN
TYP
MAX
VCC
Supply Voltage
V
2.7
3.0
3.3
TA
Operating Ambient
°C
-25
+25
+85
Temperature
fIF
IF Frequency
MHz
–
570
–
fLO
Local Frequency
MHz
–
760
–
PLO
Local input Level
dBm
-18
-15
-12
ZIF
IF output impedance,
kΩ
–1
–
Balanced output internal
resistance
VI/Q
I/Q Maximum Input
Vp-p
–
0.4
1
Voltage (balanced input)
RECOMMENDED
OPERATING CONDITIONS
GND
(AGC,MIX)
Vcc
(Shifter)
IF_out
IF_outb
I
Ib
Vco nt
Vps
Lob
Lo
9
8
7
6
freq 1/2
+
Phase
Shifter
Reg &
AGC_CTRL
LPF
freq. 1/2
12345
15
14
13
12
11
10
17
18
19
20
16
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
4.0
VPS, VCONT
Applied Voltage
V
-0.3 to VCC +0.3
TA
Operating Ambient
°C
-40 to +85
Temperature
TSTG
Storage Temperature
°C
-55 to +150
Part Number
Package
UPC8191K-E1-A
20 Pin plastic QFN
ORDERING INFORMATION
BLOCK DIAGRAM (Units in mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com