Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS-2000L Datasheet(PDF) 2 Page - Vecow Co., Ltd.

Part # ARS-2000L
Description  3 Independent GigE LAN with 2 IEEE 802.3at PoE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECOW [Vecow Co., Ltd.]
Direct Link  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

ARS-2000L Datasheet(HTML) 2 Page - Vecow Co., Ltd.

  ARS-2000L Datasheet HTML 1Page - Vecow Co., Ltd. ARS-2000L Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
Unit : mm/ inch
Order Information
Front I/O
Top I/O
Bottom I/O
Accessories
DDR4 16G
Certified DDR4 16GB 2133MHz RAM
DDR4 8G
Certified DDR4 8GB 2133MHz RAM
DDR4 4G
Certified DDR4 4GB 2133MHz RAM
PWA-280W-WT
280W, 24V, 85V AC to 264V AC Power Adapter with 3-pin Terminal Block, Wide Temperature -30°C to +70°C
PWA-160W-WT
160W, 24V, 85V AC to 264V AC Power Adapter with 3-pin Terminal Block, Wide Temperature -30°C to +70°C
PWA-120W
120W, 24V, 90V AC to 264V AC Power Adapter with 3-pin Terminal Block
DIN-RAIL
DIN Rail Kit
TMK2-20P-100
Terminal Block 20-pin to Terminal Block 20-pin Cable, 100cm
TMK2-20P-500
Terminal Block 20-pin to Terminal Block 20-pin Cable, 500cm
TMB-TMBK-20P
Terminal Board with One 20-pin Terminal Block Connector and DIN-Rail Mounting
4G Module
Mini PCIe 4G/GPS Module with Antenna
WiFi & Bluetooth
WiFi & Bluetooth Module with Antenna
4 x USB 3.0
2 x PoE
DC-in
LAN
Remote Power Switch
DVI-D
DVI-I
Power
LED
Mic-in
Line-out
32 GPIO
2 x COM
SIM
CFast
ARS-2000L-7600U
ARS-2000, Intel
® Core™ i7-7600U, 3 GigE LAN w/2 PoE+, 2 COM, 4 USB 3.0, 32 GPIO
ARS-2000L-600U
ARS-2000, Intel
® Core™ i7-6600U, 3 GigE LAN w/2 PoE+, 2 COM, 4 USB 3.0, 32 GPIO
ARS-2000L-300U
ARS-2000, Intel
® Core™ i5-6300U, 3 GigE LAN w/2 PoE+, 2 COM, 4 USB 3.0, 32 GPIO
ARS-2000L-955U
ARS-2000, Intel
® Celeron® 3955U, 3 GigE LAN w/2 PoE+, 2 COM, 4 USB 3.0, 32 GPIO
186.0 (7.32”)
203.0 (7.99”)
218.0 (8.58”)
ARS-2000L-20180622
* The rights of all brand names, product names and trademarks belong to their respective owners.
Copyright © 2018 Vecow Co., Ltd. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com