Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS-2000ML Datasheet(PDF) 1 Page - Vecow Co., Ltd.

Part # ARS-2000ML
Description  2 COM RS-232/422/485 with 1 Isolated COM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECOW [Vecow Co., Ltd.]
Direct Link  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

ARS-2000ML Datasheet(HTML) 1 Page - Vecow Co., Ltd.

  ARS-2000ML Datasheet HTML 1Page - Vecow Co., Ltd. ARS-2000ML Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Features
Ultra-compact Fanless Systems
ARS-2000ML
Intel® Core™ i7/i5/i3 U-series Processor (Kaby Lake) Compact Embedded Box PC, 3 GigE LAN with 2 M12 PoE+, Isolated COM, 1 SIM, 4 USB 3.0,
32 GPIO, Rugged, Expandable, DIN Rail Mount, Fanless -40°C to 70°C Extended Temperature
ƒ
Intel® Core™ i7/i5/i3 U-series SoC (Kaby Lake/Skylake)
ƒ
3 Independent GigE LAN with 2 M12 IEEE 802.3at PoE+
ƒ
Rugged, Fanless -40°C to 70°C Operating Temperature
ƒ
4 USB 3.0, 2 SATA III, 2 Mini PCIe
ƒ
2 COM RS-232/422/485 with 1 Isolated COM
ƒ
32 GPIO, Ignition Power Control
ƒ
Mounting : DIN Rail, Wallmount
ƒ
Supports DVI-I and DVI-D dual HD displays
ƒ
6V to 36V DC-in with 80V Surge Protection
ƒ
External SIM Socket for WiFi/4G/3G/LTE/GPRS/UMTS
System
Processor
Intel
® Core™ i7-7600U/i7-6600U/i5-6300U/Celeron® 3955U
Processor (Kaby Lake-U/Skylake-U)
Chipset
Intel
® SoC
BIOS
AMI
SIO
IT8786E
Memory
2 DDR4 2133MHz SO-DIMM, up to 32GB
I/O Interface
Serial
ƒ
1 Isolated COM RS-232/422/485 (2.5kV Isolation)
ƒ
1 COM RS-232/422/485
USB
4 USB 3.0 (External)
GPIO
32 GPIO
LED
Power, HDD, PoE, Wireless
SIM Card
1 SIM Card Socket (External)
Expansion
Mini PCIe
2 Mini PCIe Socket :
ƒ
1 Full-size for PCIe/USB/External SIM Card/mSATA
ƒ
1 Full-size for PCIe/USB/mSATA
Graphics
Graphics
Processor
ƒ
Intel
® HD Graphics 620/520
Interface
ƒ
DVI-I : Up to 1920 x1200 @ 60Hz
ƒ
DVI-D : Up to 1920 x 1200 @ 60Hz
Storage
SATA
2 SATA III support S/W RAID 0, 1 :
ƒ
1 SATA III (6Gbps)
ƒ
1 SATA III co-lay with Mini PCIe (6Gbps)
mSATA
1 SATA III co-lay with SATA (Mini PCIe Type, 6Gbps)
Storage
Device
ƒ
1 CFast Socket, Push-in/Push-out Ejector
ƒ
2 2.5"SSD/HDD Bracket (Internal)
Audio
Audio Codec
Realtek ALC892, 5.1 Channel HD Audio
Audio
Interface
1 Mic-in, 1 Line-out
Ethernet
LAN 1
Intel
® I219LM GigE LAN supports iAMT 11.0
PoE
LAN 2
GigE IEEE 802.3at (25.5W/48V) PoE
+ by Intel® I210 with
Power On/Off Control, M12 Connector
LAN 3
GigE IEEE 802.3at (25.5W/48V) PoE
+ by Intel® I210 with
Power On/Off Control, M12 Connector
Power
Power Input
6V to 36V, DC-in
Power
Interface
3-pin Terminal Block : V+, V-, Frame Ground
Ignition
Control
16 Mode (Internal)
Remote
Switch
3-pin terminal block : On, Off, IGN
Surge
Protection
Up to 80V/1ms Transient Power
Others
TPM
Optional Infineon SLB9665 supports TPM 2.0, LPC Interface
Watchdog
Timer
Reset : 1 to 255 sec./min. per step
Smart
Management
Wake on LAN, PXE supported
HW Monitor
Monitoring temperature, voltages. Auto throttling control
when CPU overheats.
Software Support
OS
Windows 10, Windows 8.1, Windows 7, Linux
Mechanical
Dimensions
(W x L x H)
186mm x 147mm x 54mm (7.3" x 5.8" x 2.1")
Weight
1.8 kg (3.97 lb)
Mounting
ƒ
Wallmount by mounting bracket
ƒ
DIN Rail Mount (optional)
Environment
Operating
Temperature
-40°C to 70°C (-40°F to 158°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Humidity
5% to 95% Humidity, non-condensing
Relative
Humidity
95% @ 70°C
Shock
ƒ
IEC 60068-2-27
ƒ
SSD : 50G @ wallmount, Half-sine, 11ms
Vibration
ƒ
IEC 60068-2-64
ƒ
SSD : 5Grms, 5Hz to 500Hz, 3 Axis
EMC
CE, FCC, EN50155, EN50121-3-2


Similar Part No. - ARS-2000ML

ManufacturerPart #DatasheetDescription
logo
Vecow Co., Ltd.
ARS-2000L VECOW-ARS-2000L Datasheet
360Kb / 2P
3 Independent GigE LAN with 2 IEEE 802.3at PoE
ARS-2000L-300U VECOW-ARS-2000L-300U Datasheet
360Kb / 2P
3 Independent GigE LAN with 2 IEEE 802.3at PoE
ARS-2000L-600U VECOW-ARS-2000L-600U Datasheet
360Kb / 2P
3 Independent GigE LAN with 2 IEEE 802.3at PoE
ARS-2000L-7600U VECOW-ARS-2000L-7600U Datasheet
360Kb / 2P
3 Independent GigE LAN with 2 IEEE 802.3at PoE
ARS-2000L-955U VECOW-ARS-2000L-955U Datasheet
360Kb / 2P
3 Independent GigE LAN with 2 IEEE 802.3at PoE
More results

Similar Description - ARS-2000ML

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3643 ADVANTECH-PCM-3643 Datasheet
341Kb / 1P
4/8 RS-232 COM Port Module RS-232/422/485 COM Port Module
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
ADAM-4561 ADVANTECH-ADAM-4561 Datasheet
134Kb / 1P
1-port Isolated USB to RS-232/422/485 Converter
PC-104 ADVANTECH-PC-104 Datasheet
2Mb / 2P
Isolated RS-232/422/ 485 Module
logo
Axiomtek Co., Ltd.
TBOX311-820-FL AXIOMTEK-TBOX311-820-FL_16 Datasheet
535Kb / 2P
1 isolated RS-232/422/485 and 1 isolated CAN bus
logo
Littelfuse
SE-485 LITTELFUSE-SE-485 Datasheet
370Kb / 8P
OPTICALLY ISOLATED RS-232 TO RS-422/485
logo
Vecow Co., Ltd.
ARS-2001 VECOW-ARS-2001 Datasheet
431Kb / 2P
4 COM RS-232/422/485 with 1 Isolated COM
ARS-2010M VECOW-ARS-2010M Datasheet
438Kb / 2P
4 COM RS-232/422/485 with 1 Isolated COM
logo
Advantech Co., Ltd.
ECU-P1628D ADVANTECH-ECU-P1628D Datasheet
386Kb / 1P
8-Port Isolated/Non Isolated RS-232/422/485
27-Jun-2018
ULI-314DC ADVANTECH-ULI-314DC Datasheet
361Kb / 2P
USB to RS-232/422/485 Isolated Converter
1-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com