Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6124 Datasheet(PDF) 21 Page - EM Microelectronic - MARIN SA

Part # EM6124
Description  Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6124 Datasheet(HTML) 21 Page - EM Microelectronic - MARIN SA

Back Button EM6124 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6124 Datasheet HTML 25Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
R
EM6124
Copyright
© 2004, EM Microelectronic-Marin SA
21
www.emmicroelectronic.com
Command byte
Initialization bits or display data
Bit No
0
1
2
3
4
5
6
7
8
9
10 11
12 13 14
15 16 17
18 19 20
21 22 23
24 25 26
27 28 29
30 31
Data
1
1
0
0
0
0
0
0
1
1
0
1
0
0
1
1
0
1
1
1
0
0
0
0
1
0
0
0
0
0
0
0
Bits 0,1 = 1,1:
no set, no blank, no sleep
Bit 2 = 0: no sleep mode
Bits 3 to 7 = don't care in this
case (not 1,1,1,1,1)
Bit 17 = 1: 1L in the RAM corresponds to a pixel "ON"
Bit 15 = 1: row 1 (address "00000") displayed on S25
row 2 (address "00001") displayed S24
….,row 25 (address "11000") displayed on S1
S1
S2
S3
S16
= undefined
S17
S18
= pixel "OFF"
S19
S20
= pixel "ON"
S21
S22
S23
S24
S25
Fig. 18.12
Bit No
0
1
2
3
4
5
6
7
8
9
10 11
12 13 14
15 16 17
18 19 20
21 22 23
24 25 26
27 28 29
30 31
Data
1
1
0
0
0
0
0
0
1
1
0
1
0
0
1
1
0
1
1
0
1
0
0
0
1
0
0
0
0
0
0
0
Bits 0,1 = 1,1:
initialization is programmed
Bit 2 = 0: no sleep mode
Bits 3 to 7 = don't care in this
case (not 1,1,1,1,1)
Bit 15 = 1: row 1 (address '00000') displayed on S25, row 2 (address '00001') displayed S24,
…, and row 25 (address '11000') displayed on S1
Bit 17 = 1: 1L in the RAM corresponds to a pixel "ON"
Bits 18 to 23 = 1,0,1,0,0,0 :
programmed VLCD = 3.15 + (1
• 32 + 0 • 16 + 1 • 8 + 0 • 4 + 0 • 2 + 0 • 1) • 0.0625 = 5.650V
S1
S2
S3
S16
= undefined
S17
S18
= pixel "OFF"
S19
S20
= pixel "ON"
S21
S22
S23
S24
S25
Fig. 18.13
Bit No
0
1
2
3
4
5
6
7
8
9
10 11
12 13 14
15 16 17
18 19 20
21 22 23
24 25 26
27 28 29
30 31
Data
1
1
0
0
0
0
0
0
1
1
0
1
1
0
1
0
0
1
1
1
0
0
0
0
1
0
0
0
0
0
0
0
Bits 0,1 = 1,1:
initialization is programmed
Bit 2 = 0
Bits 3 to 7 = don't care in this
case (not 1,1,1,1,1)
Bit 12 = 1 : checker pattern on the LCD, don't care for the RAM
Bit 17 = 1 : 1L in the RAM corresponds to a pixel "ON"
S1
S2
S3
S4
S5
S6
= undefined
S7
S8
= pixel "OFF"
S9
S10
= pixel "ON"
S11
S23
S24
S25
Fig. 18.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com