Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC-2021 Datasheet(PDF) 1 Page - Vecow Co., Ltd.

Part # MTC-2021
Description  2 Gigabit LAN, 1 USB 3.0, 2 USB 2.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECOW [Vecow Co., Ltd.]
Direct Link  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

MTC-2021 Datasheet(HTML) 1 Page - Vecow Co., Ltd.

  MTC-2021 Datasheet HTML 1Page - Vecow Co., Ltd. MTC-2021 Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Features
Multi-Touch Computer/ Display
www.vecow.com
ƒ
21.5” 16 : 9 Full HD (1920 x 1080) LCD Panel with LED Backlight
ƒ
Projected Capacitive 10-point Multi-Touch Screen with 7H
Anti-Scratch Surface
ƒ
Fanless, Quad Core Intel® Atem™ E3845 Processor (Bay Trail)
ƒ
9V to 28V DC Power Input
ƒ
2 Gigabit LAN, 1 USB 3.0, 2 USB 2.0
ƒ
SIM Card Socket supports 3G/ 4G/ LTE/ WiFi/ GPRS/ UMTS
ƒ
6 COM with 2 Isolated RS-232/ 422/ 485, 8 GPIO
ƒ
Touchscreen works with gloves
ƒ
Sunlight Readable (Optional)
ƒ
IP65 Front Panel Protection (Optional)
MTC-2021
21.5” Fanless Multi-Touch Computer with Quad Core Intel® Atem™ E3845 Processor (Bay Trail), 2 Gigabit LAN, 6 COM with 2 Isolated
RS-232/ 422/ 485, 1 USB 3.0, 2 USB 2.0, 8 GPIO
Panel
Panel Type
TFT LCD
Active Area
21.5" (16 : 9)
Max. Resolution
1920 x 1080 (Full HD)
Display Color
16.7M (RGB 8-bit)
Backlight
LED Backlight
Brightness (cd/m2)
250 (Optional, up to 1200)
Viewing Angle
178°/178° (H/V)
Contrast Ratio
3000 : 1
Touch Screen
Touch Screen Type
10-point Projected Capacitive
Transparency
85%
Surface Hardness
7H Surface Hardness
Control Interface
USB Interface
System
Processor
Quad Core Intel
® Atom™ E3845 Processor
(1.91GHz, Bay Trail)
Chipset
Intel
® SoC
Memory
1 DDR3L 1333 SO-DIMM, up to 8GB
Graphics
Intel
® HD Graphics
Ethernet
2 Intel
® 82574L Gigabit LAN
Audio
Realtek ALC892, 5.1 Channel HD Audio
OS Support
Windows 8, Windows 7, Linux
I/O Interface
Serial
6 External COM :
ƒ
2 COM RS-232/ 422/ 485
ƒ
2 COM RS-232
ƒ
2 Isolated COM RS-232/ 422/ 485
USB
ƒ
1 USB 3.0
ƒ
2 USB 2.0
DIO
8 GPIO
LAN
2 Independent Gigabit LAN
Audio
1 Mic-in, 1 Line-out
Display
ƒ
VGA : Up to 2560 x 1600
ƒ
HDMI : Up to 1920 x 1080
LED
Power, HDD
SIM Card
1 Internal SIM Card Socket
Expansion
Mini PCIe
3 Mini PCIe Socket :
ƒ
1 Mini PCIe for PCIe/ USB/ SIM Card
ƒ
1 Mini PCIe for PCIe/ USB
ƒ
1 Mini PCIe for mSATA
Storage
SATA
1 SATA II (3Gbps)
mSATA
1 SATA II (Mini PCIe Type, 3Gbps)
Storage Device
1 Internal 2.5" SSD/ HDD Bracket
Power
Power Input
9V to 28V, DC-in
Power Interface
3-pin Terminal Block : V+, V-, Frame Ground
Power Adapter
AC to DC 60W Power Adapter (Optional)
Others
Watchdog Timer
Reset : 1 to 255 sec./min. per step
Smart Management
Wake on LAN, PXE supported
HW Monitor
Monitoring temperature, voltages. Auto throttling
control when CPU overheats.
GPS
Onboard GPS Module (Optional)
Mechanical
Dimensions
(W x H x L)
537.6mm x 329.1mm x 44.1mm
(21.2” x 13” x 1.7”)
Weight
5.8 kg (12.8 lb)
Front Panel
Protection
IP65 Compliant (Optional)
Mounting
ƒ
VESA Mount (75 x 75mm, 100 x 100mm)
ƒ
Panel Mount
Environment
Operating
Temperature
0°C to 50°C (32°F to 122°F)
Storage
Temperature
-20°C to 60°C (-4°F to 140°F)
Humidity
10% to 90% Humidity, non-condensing
Shock
ƒ
IEC 60068-2-27
ƒ
20G, Half-sine, 11ms
Vibration
ƒ
IEC 60068-2-64
ƒ
Non-operation : 10Hz to 200Hz, 1.5Grms, X, Y, Z,
30 mins each Axis
EMC
CE, FCC
>
=
6V~36V
80V
SIM
1080p
Full
HD
IP65


Similar Part No. - MTC-2021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTC-20400X ETC-MTC-20400X Datasheet
80Kb / 1P
MTC-20400X
logo
Pulse A Technitrol Comp...
MTC-2072 PULSE-MTC-2072 Datasheet
1Mb / 7P
ISDN S-Interface Transformers
More results

Similar Description - MTC-2021

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL842 GENESYS-GL842 Datasheet
517Kb / 64P
USB 2.0 2-in-1 Scanner Controller
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Axiomtek Co., Ltd.
PICO822 AXIOMTEK-PICO822_14 Datasheet
346Kb / 1P
2 COM and 4 USB 2.0 1 client USB 2.0 supported
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Axiomtek Co., Ltd.
PICO500 AXIOMTEK-PICO500 Datasheet
260Kb / 1P
1 USB 2.0 and 1 Gigabit LAN ports
SBC87842 AXIOMTEK-SBC87842 Datasheet
335Kb / 1P
2 Gigabit Ethernet ports and 2 USB 2.0 ports
GOT5100T-834 AXIOMTEK-GOT5100T-834_16 Datasheet
491Kb / 2P
Supports 2 Gigabit LAN, 4 USB & 2 COM ports
GOT5152T-834 AXIOMTEK-GOT5152T-834_16 Datasheet
693Kb / 2P
Supports 2 Gigabit LAN, 4 USB & 3 COM ports
logo
Tripp Lite. All Rights ...
U360-007C-2X3 TRIPPLITE-U360-007C-2X3 Datasheet
165Kb / 3P
7-Port USB 3.0 / USB 2.0 Combo Hub - USB Charging, 2 USB 3.0 & 5 USB 2.0 Ports
U360-010C-2X3 TRIPPLITE-U360-010C-2X3 Datasheet
165Kb / 3P
10-Port USB 3.0 / USB 2.0 Combo Hub - USB Charging, 2 USB 3.0 & 8 USB 2.0 Ports
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com