Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5964 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5964
Description  PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5964 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5964 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5964 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA2125 / 2SC5964
No.7988-1/5
Applications
•
DC / DC converter, relay drivers, lamp drivers, motor drivers, flash.
Features
•
Adoption of MBIT process.
•
High current capacitance.
•
Low collector-to-emitter saturation voltage.
•
High-speed switching.
Specifications ( ) : 2SA2125
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--50)100
V
Collector-to-Emitter Voltage
VCES
(--50)100
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)3
A
Collector Current (Pulse)
ICP
(--)6
A
Base Current
IB
(--)600
mA
Collector Dissipation
PC
Mounted on a ceramic board (250mm2!0.8m)
1.3
W
Tc=25
°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0
(--)1
µA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0
(--)1
µA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)100mA
200
560
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)500mA
(390)380
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(24)13
pF
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7988
N3004 TS IM TB-00000265
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
2SA2125 / 2SC5964
PNP / NPN Epitaxial Planar Silicon Transistors
DC / DC Converter Applications


Similar Part No. - 2SC5964

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5964 SANYO-2SC5964 Datasheet
473Kb / 8P
DC / DC Converter Applications
logo
ON Semiconductor
2SC5964 ONSEMI-2SC5964 Datasheet
325Kb / 1P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
logo
Sanyo Semicon Device
2SC5964-TD-E SANYO-2SC5964-TD-E Datasheet
473Kb / 8P
DC / DC Converter Applications
logo
ON Semiconductor
2SC5964-TD-E ONSEMI-2SC5964-TD-E Datasheet
325Kb / 1P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
2SC5964-TD-H ONSEMI-2SC5964-TD-H Datasheet
325Kb / 1P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
More results

Similar Description - 2SC5964

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3221 SANYO-CPH3221 Datasheet
49Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
2SA2196 SANYO-2SA2196 Datasheet
49Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
2SA2197 SANYO-2SA2197 Datasheet
49Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH6531 SANYO-CPH6531 Datasheet
53Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3144 SANYO-CPH3144 Datasheet
44Kb / 4P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3145 SANYO-CPH3145 Datasheet
47Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
MCH3143 SANYO-MCH3143 Datasheet
44Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
MCH3144 SANYO-MCH3144 Datasheet
44Kb / 4P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
MCH3145 SANYO-MCH3145 Datasheet
48Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3114 SANYO-CPH3114_11 Datasheet
66Kb / 5P
PNP Epitaxial Planar Silicon Transistors DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com