Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFV461 Datasheet(PDF) 1 Page - International Rectifier

Part # AFV461
Description  ADVANCED ANALOG EMI FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFV461 Datasheet(HTML) 1 Page - International Rectifier

  AFV461 Datasheet HTML 1Page - International Rectifier AFV461 Datasheet HTML 2Page - International Rectifier AFV461 Datasheet HTML 3Page - International Rectifier AFV461 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11/21/02
www.irf.com
1
ADVANCED ANALOG
EMI FILTER
AFV461 SERIES
Description
n 4.0 amp Input Current - max.
n 40 dB Noise Reduction min. @100 KHz
n -55°C to +125°C Operation
n Military Screening
n Compatible with all stanard 28 Volts Input
DC/DC Converters
Features
AFV
Typical Application
n No Derating for -55°C to +125°C Operation
n No Tantalum Capacitors for High Reliability
AFV461
EMI Filter
AHV28XX
(or Other)
DC/DC Converter
+Vin
+Vin
Input Return
Input Return
+Vout
+Vout
Output Return
Output Return
R
L
R
L
System
Bus
AHV28XX
(or Other)
DC/DC Converter
+Vout
Output Return
+Vin
Input Return
Case
Case
Case
To other converters up
to rated output current
The AFV461 EMI filter will reduce the input line re-
flected ripple current of all DC/DC converter families to
levels below the CEO3 limits of MIL- STD-461. This
filter is intended for applications requiring compatibil-
ity to MIL-STD-704A.
These EMI filters are manufactured in a facility certified
to MIL-PRF-38534 and are available with military
screening. Four grades are offered with different screen-
ing options. Refer to Part Number section.
PD - 94586A


Similar Part No. - AFV461

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFV461 IRF-AFV461 Datasheet
103Kb / 4P
EMI FILTER
AFV461 IRF-AFV461_15 Datasheet
103Kb / 4P
EMI FILTER
More results

Similar Description - AFV461

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARF461 IRF-ARF461 Datasheet
43Kb / 4P
ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
AME50461 IRF-AME50461 Datasheet
52Kb / 5P
ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
AFC461 IRF-AFC461 Datasheet
39Kb / 4P
ADVANCED ANALOG EMI FILTER
ASF461 IRF-ASF461 Datasheet
29Kb / 4P
ADVANCED ANALOG EMI FILTER
logo
Qualtek Electronics Cor...
851-03004 QUALTEK-851-03004 Datasheet
254Kb / 1P
EMI FILTER
851-05005 QUALTEK-851-05005 Datasheet
239Kb / 1P
EMI FILTER
851-10007 QUALTEK-851-10007 Datasheet
238Kb / 1P
EMI FILTER
858-06011 QUALTEK-858-06011 Datasheet
263Kb / 1P
EMI FILTER
logo
International Rectifier
ASF461 IRF-ASF461_15 Datasheet
33Kb / 4P
ADVANCED ANALOG EMI FILTER
logo
Emcore Corporation
1764-32-BB-SC-10 EMCORE-1764-32-BB-SC-10 Datasheet
765Kb / 6P
Advanced Analog Chip Design
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com