Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFV461F/HB Datasheet(PDF) 3 Page - International Rectifier

Part # AFV461F/HB
Description  ADVANCED ANALOG EMI FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFV461F/HB Datasheet(HTML) 3 Page - International Rectifier

  AFV461F/HB Datasheet HTML 1Page - International Rectifier AFV461F/HB Datasheet HTML 2Page - International Rectifier AFV461F/HB Datasheet HTML 3Page - International Rectifier AFV461F/HB Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.irf.com
3
AFV461 Series
Device Synchronization
Whenever multiple DC/DC converters are utilized in
a single system, significant low frequency noise may
be generated due to slight difference in the switch-
ing frequencies of the converters (beat frequency
noise). Because of the low frequency nature of this
noise (typically less than 10KHz), it is difficult to filter
out and may interfere with proper operation of sen-
sitive systems (communications, radar or telemetry).
Advanced Analog offers an option, which provides
synchronization of multiple AHE/ATW type convert-
ers, thus eliminating this type of noise. To take ad-
vantage of this capability, the system designer must
assign one of the converters as the master. Then, by
definition, the remaining converters become slaves
and will operate at the masters’ switching frequency.
The user should be aware that the synchronization
system is fail-safe; that is, the slaves will be continue
operating should the master frequency be inter-
rupted for any reason. The layout must be such that
the synchronization output of the master device is
connected to the synchronization input of each slave
device. It is advisable to keep this run short to mini-
mize the possibility of radiating the 250KHz switch-
ing frequency. A typical connection is illustrated on
the cover sheet of this document.
The appropriate converters must be ordered to take
advantage of this feature. After selecting the con-
verters required for the system, a ‘MSTR’ suffix is
added for the master converter part number and an
‘SLV’ suffix is added for slave part number. See Part
Number section of the applicable converter data
sheets.
AFV461 Block Diagram
1
5
3
2
4
11µF
0.2
Ω
11µF
0.2
Ω
1800
pFd
1800
pFd
10µH
5µH
Refer to last page for Pin Designation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com