Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC164 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC164
Description  High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC164 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC164 Datasheet HTML 2Page - Texas Instruments CD54HC164 Datasheet HTML 3Page - Texas Instruments CD54HC164 Datasheet HTML 4Page - Texas Instruments CD54HC164 Datasheet HTML 5Page - Texas Instruments CD54HC164 Datasheet HTML 6Page - Texas Instruments CD54HC164 Datasheet HTML 7Page - Texas Instruments CD54HC164 Datasheet HTML 8Page - Texas Instruments CD54HC164 Datasheet HTML 9Page - Texas Instruments CD54HC164 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Power Dissipation
Capacitance
(Notes 3, 4)
CPD
-
5
47
-
-
-
pF
HCT TYPES
Propagation Delay,
CP to Qn
tPLH, tPHL
CL = 50pF
4.5
-
36
45
54
ns
CL = 15pF
5
15
-
-
-
ns
MR to Qn
tPLH, tPHL
CL = 50pF
4.5
-
38
46
57
ns
CL = 15pF
5
16
-
-
-
ns
Output Transition Times
tTLH, tTHL
CL = 50pF
4.5
-
15
19
22
ns
Input Capacitance
CIN
--
-
-
-
-
pF
Maximum Clock Frequency
fMAX
CL = 15pF
-
54
-
-
-
MHz
Power Dissipation
Capacitance
(Notes 3, 4)
CPD
-
5
49
10
10
10
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per device.
4. PD =VCC
2 f
i + ∑ (CL VCC
2 +f
O) where fi = Input Frequency, fO = Output Frequency, CL = Output Load Capacitance, VCC = Supply
Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
TYP
MAX
MAX
MAX
Test Circuits and Waveforms
FIGURE 1. HC SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
FIGURE 2. HCT SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
trCL
tfCL
GND
VCC
GND
VCC
50%
90%
10%
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
VCC
50%
50%
90%
10%
50%
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
tH(H)
trCL
tfCL
GND
3V
GND
3V
1.3V
2.7V
0.3V
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
3V
1.3V
1.3V
1.3V
90%
10%
1.3V
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
1.3V
tH(H)
1.3V
CD54HC164, CD74HC164, CD54HCT164, CD74HCT164



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com