Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM108B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ICM108B
Description  1.3 million pixel Color CMOS image sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM108B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ICM108B Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 10Page - List of Unclassifed Manufacturers ICM108B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ICM108B 1.3 million pixel CMOS sensor
Data Sheet V 1.1 November, 2002
©2000, 2001, 2002 IC Media Corporation & IC Media Technology Corp.
11/22/2002
page 7
COMPANY CONFIDENTIAL
2.5 Output Format
During normal operation, the output format is 10-bit raw data that ranges from 0 to 1023. It may be used
for off-chip color processing or compression. A typical configuration is to connect ICM-108B to a USB1,
a USB2, or a 1394/Compression combo chip. At 30 fps, the PCLK and main clock are both operating at 48
MHz.
In addition to the data pins, the chip also output VSYNC, HSYNC, and PCLK. The length and polarity of
VSYNC and HSYNC can be adjusted through registers. The line and frame timing can be adjusted through
registers AD_WIDTH and AD_HEIGHT.
2.6 SIF Interface
Register programming is through SIF interface (SCL and SDA pins). The default 7-bit SIF device address
is 0x20, meanwhile the last bit can be configured by the SIF ID pin. ICM-108B can operate in either SIF
master mode or slave mode right after power up, depending on the pull-up or pull-down of the MSSEL pin.
When MSSEL is pulled low during power-up, ICM-108B’s SIF interface is operated as an SIF slave
device, waiting to be controlled by an external SIF master such as a microprocessor. When MSSEL is
pulled high during power-up, the SIF interface is first acting as an SIF master device trying to read from an
external SIF EEPROM. After that, it will fall back to behave like an SIF slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com