Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN200N07 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFN200N07
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN200N07 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFN200N07 Datasheet HTML 1Page - IXYS Corporation IXFN200N07 Datasheet HTML 2Page - IXYS Corporation IXFN200N07 Datasheet HTML 3Page - IXYS Corporation IXFN200N07 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 - 4
© 2000 IXYS All rights reserved
T
J - Degrees C
-50 -25
0
25
50
75 100 125 150 175
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
I
C - Amperes
0
100
200
300
400
500
600
0
10
20
30
40
50
60
70
80
T
J = 25
oC
I
D - Amperes
0
100
200
300
400
500
600
0.8
0.9
1.0
1.1
1.2
1.3
1.4
V
GS - Volts
24
68
10
12
0
100
200
300
400
500
600
V
DS - Volts
01
23456
789
10
0
100
200
300
400
500
600
6V
7V
V
GS = 15V
V
GS = 10V
T
J=25
OC
V
GS=10V
I
D = 75A
V
GS = 10V
V
DS > 4RDS(ON)
5V
T
J=25
OC
V
DS - Volts
0.0
0.5
1.0
1.5
2.0
0
25
50
75
100
125
150
175
T
J = 25
oC
V
GS=10V
9V
8V
7V
6V
5V
T
J = 25
OC
V
GS=10V
9V
8V
T
J=150
OC
T
J=100
OC
T
J = 100
oC
T
J = 150
oC
IXFN 200N06
IXFN 180N07 IXFN 200N07
Figure 1. Output Characteristics at 25OC
Figure 2. Extended Output Characteristics
Figure 6. Normalized R
DS(on) vs. Junction
Temperature
Figure 3. Admittance Curves
Figure 5. R
DS(on) normalized to
0.5 I
D25 value
Figure 4.
Transconductance vs.
Drain Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com