Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T81S Datasheet(PDF) 22 Page - STMicroelectronics

Part # M41T81S
Description  Serial Access Real-Time Clock with Alarms
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81S Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M41T81S Datasheet HTML 18Page - STMicroelectronics M41T81S Datasheet HTML 19Page - STMicroelectronics M41T81S Datasheet HTML 20Page - STMicroelectronics M41T81S Datasheet HTML 21Page - STMicroelectronics M41T81S Datasheet HTML 22Page - STMicroelectronics M41T81S Datasheet HTML 23Page - STMicroelectronics M41T81S Datasheet HTML 24Page - STMicroelectronics M41T81S Datasheet HTML 25Page - STMicroelectronics M41T81S Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
M41T81S
22/29
Figure 17. Power Down/Up Mode AC Waveforms
Table 11. Power Down/Up AC Characteristics
Note: 1. VCC fall time should not exceed 5mV/µs.
2. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.7 to 5.5V (except where noted).
Table 12. Power Down/Up Trip Points DC Characteristics
Note: 1. All voltages referenced to VSS.
2. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.7 to 5.5V (except where noted).
Symbol
Parameter(1,2)
Min
Typ
Max
Unit
tPD
SCL and SDA at VIH before Power Down
0nS
trec
SCL and SDA at VIH after Power Up
10
µS
Sym
Parameter(1,2)
Min
Typ
Max
Unit
VPFD
Power-fail Deselect
2.5
2.6
2.7
V
Hysteresis
25
mV
VSO
Battery Back-up Switchover Voltage
(VCC < VBAT; VCC < VPFD)
VBAT < VPFD
VBAT
V
VBAT > VPFD
VPFD
V
Hysteresis
40
mV
AI00596
VCC
trec
tPD
VSO
SDA
SCL
DON'T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com